Electronic Components Datasheet Search
  English  ▼

X  

LM6152ACM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6152ACM
Description  Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6152ACM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM6152ACM Datasheet HTML 1Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 2Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 3Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 4Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 5Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 6Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 7Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 8Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
5.0V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5.0V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LM6154AC
LM6152AC
Limit
(Note 6)
LM6154BC
LM6152BC
Limt
(Note 6)
Units
I
S
Supply Current
Per Amplifier
1.4
2
2.25
2
2.25
mA
max
5.0V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5.0V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LM6154AC
LM6152AC
Limit
(Note 6)
LM6154BC
LM6152BC
Limt
(Note 6)
Units
SR
Slew Rate
±4V Step @ V
S = ±6V,
R
S < 1kΩ
30
24
15
24
15
V/µs
min
GBW
Gain-Bandwidth Product
f = 100 kHz
75
MHz
Amp-to-Amp Isolation
R
L = 10kΩ
125
dB
e
n
Input-Referred Voltage Noise
f = 1 kHz
9
nV
i
n
Input-Referred Current Noise
f = 1 kHz
0.34
pA
T.H.D
Total Harmonic Distortion
f = 10 kHz, R
L = 10kΩ
0.002
%
ts
Settling Time
2V Step to 0.01%
1.1
µs
2.7V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V, V− = 0V, V
CM = VO =V
+/2 and R
L > 1MΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LM6154AC
LM6152AC
Limit
(Note 6)
LM6154BC
LM6152BC
Limt
(Note 6)
Units
V
OS
Input Offset Voltage
0.8
2
5
5
8
mV
max
TCV
OS
Input Offset Voltage Average Drift
10
µV/˚C
I
B
Input Bias Current
500
nA
I
OS
Input Offset Current
50
nA
R
IN
Input Resistance, CM
0V
≤ V
CM ≤ 1.8V
30
M
Ω
CMRR
Common Mode Rejection Ratio
0V
≤ V
CM ≤ 1.8V
88
dB
0V
≤ V
CM ≤ 2.7V
78
PSRR
Power Supply Rejection Ratio
3V
≤ V+ ≤ 5V
69
dB
V
CM
Input Common-Mode Voltage Range
Low
−0.25
0
0
V
High
2.95
2.7
2.7
V
A
V
Large Signal Voltage Gain
R
L = 10kΩ
5.5
V/mV
V
O
Output Swing
R
L = 10kΩ
0.032
0.07
0.11
0.07
0.11
V
max
2.68
2.64
2.62
2.64
2.62
V
min
I
S
Supply Current
Per Amplifier
1.35
mA
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com