Electronic Components Datasheet Search
  English  ▼

X  

LM6152ACM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6152ACM
Description  Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6152ACM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM6152ACM Datasheet HTML 1Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 2Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 3Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 4Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 5Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 6Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 7Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 8Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
2.7V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LM6154AC
LM6152AC
Limit
(Note 6)
LM6154BC
LM6152BC
Limt
(Note 6)
Units
GBW
Gain-Bandwidth Product
f = 100kHz
80
MHz
24V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 24V, V− = 0V, V
CM = VO =V
+/2 and R
L > 1MΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LM6154AC
LM6152AC
Limit
(Note 6)
LM6154BC
LM6152BC
Limt
(Note 6)
Units
V
OS
Input Offset Voltage
0.3
2
4
7
9
mV
max
TCV
OS
Input Offset Voltage Average Drift
10
µV/˚C
I
B
Input Bias Current
500
nA
I
OS
Input Offset Current
32
nA
R
IN
Input Resistance, CM
0V
≤ V
CM ≤ 23V
60
Meg
Ω
CMRR
Common Mode Rejection Ratio
0V
≤ V
CM ≤ 23V
94
dB
0V
≤ V
CM ≤ 24V
84
PSRR
Power Supply Rejection Ratio
0V
≤ V
CM ≤ 24V
95
dB
V
CM
Input Common-Mode Voltage Range
Low
−0.25
0
0
V
High
24.25
24
24
V
A
V
Large Signal Voltage Gain
R
L = 10kΩ
55
V/mV
V
O
Output Swing
R
L = 10kΩ
0.044
0.075
0.090
0.075
0.090
V
max
23.91
23.8
23.7
23.8
23.7
V
min
I
S
Supply Current
Per Amplifier
1.6
2.25
2.50
2.25
2.50
mA
max
24V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 24V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LM6154AC
LM6152AC
Limit
(Note 6)
LM6154BC
LM6152BC
Limt
(Note 6)
Units
GBW
Gain-Bandwidth Product
f = 100kHz
80
MHz
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5k
Ω in series with 100pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150˚C.
Note 4: The maximum power dissipation is a function of TJ(max) , θJA, and TA. The maximum allowable power dissipation at any ambient temperature
is PD =(TJ(max)–T A)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 5: Typical Values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com