Electronic Components Datasheet Search
  English  ▼

X  

LM6152ACM Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6152ACM
Description  Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6152ACM Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM6152ACM Datasheet HTML 3Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 4Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 5Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 6Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 7Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 8Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 9Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 10Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Typical Performance Characteristics (Continued)
Crosstalk (dB
vs. Frequency
DS012350-17
GBWP (@ 100 kHz)
vs. Supply Voltage
DS012350-18
Unity Gain Frequency
vs. Supply Voltage
for Various Loads
DS012350-19
CMRR
DS012350-20
Voltage Swing vs.
Frequency (C
L = 100 pF)
DS012350-22
PSRR vs. Frequency
DS012350-23
Open Loop Gain/
Phase (V
S = 5V)
DS012350-24
Open Loop Gain/
Phase (V
S = 10V)
DS012350-25
Open Loop Gain/
Phase (V
S = 24V)
DS012350-26
Noise Voltage
vs. Frequency
DS012350-27
Noise Current
vs. Frequency
DS012350-28
Voltage Error
vs. Settle Time
DS012350-29
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com