Electronic Components Datasheet Search
  English  ▼

X  

875B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 875B
Description  Simultaneously displays measured value and Q or dissipation factor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

875B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  875B Datasheet HTML 1Page - List of Unclassifed Manufacturers 875B Datasheet HTML 2Page - List of Unclassifed Manufacturers 875B Datasheet HTML 3Page - List of Unclassifed Manufacturers 875B Datasheet HTML 4Page - List of Unclassifed Manufacturers 875B Datasheet HTML 5Page - List of Unclassifed Manufacturers 875B Datasheet HTML 6Page - List of Unclassifed Manufacturers 875B Datasheet HTML 7Page - List of Unclassifed Manufacturers 875B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
40,000-Count Dual-Display Handheld LCR Meters
Models 878B, 879B, and 880
5
www.bkprecision.com
Accuracy Specifications
Accuracy is expressed as ±(% of reading + number of last significant digits) for readings falling within 10% to 100% of full scale of range.
Valid after 30 minutes of warm up time, operation at 23 °C + 5 °C, <75% R.H. and slowest measurement speed.
880 only: When selecting a test signal level of 0.3V, the measurement accuracy is twice the accuracy listed in the table.
Range
Max
Display
Lx Accuracy
(878B & 879B)
Lx Accuracy
(880 only)
DF (Dx <0.5)
(878B & 879B)
DF (Dx <0.5)
(880 only)
Measurement
Mode
1000 H
1000.0 H
1.5% + 3 digits
1% + 3 digits
1.5% + 50 digits
1% + 3 digits
Parallel
400 H
399.99 H
0.7% + 2 digits
0.35% +2 digits
0.7% + 50 digits
0.35% +2 digits
Parallel
40 H
39.999 H
0.7% + 2 digits
0.1% + 2 digits
0.7% + 50 digits
0.1% + 2 digits
Series/ Parallel
(Parallel)**
4000 mH
4 H**
3999.9 mH
3.9999 H**
0.5% + 1 digits
0.1% + 2 digits
0.5% + 50 digits
0.1% + 2 digits
Series
Series/Parallel**
400 mH
399.99 mH
0.6% + 2 digits
0.1% + 2 digits
0.6% + 50 digits
0.1% + 2 digits
Series
40 mH
39.999 mH
0.9% + 2 digits
0.45% + 2 digits
0.9% + 50 digits
0.45% + 2 digits
Series
4 mH
3.9999 mH
2.8% + 3 digits
1.40% + 5 digits
2.8% + 50 digits
Not Specified
Series
100 H
100.00 H
1.5% + 3 digits
1% + 3 digits
1.5% + 50 digits
1% + 3 digits
Parallel
40 H
39.999 H
0.7% + 2 digits
0.35% + 2 digits
0.7% + 50 digits
0.35% + 3 digits
Parallel
4000 mH
4 H**
3999.9 mH
3.9999 H**
0.7% + 2 digits
0.1% + 2 digits
0.7% + 50 digits
0.1% + 2 digits
Series/ Parallel
(Parallel)**
400 mH
399.99 mH
0.5% + 1 digits
0.1% + 2 digits
0.5% + 50 digits
0.1% + 2 digits
Series
Series/ Parallel
40 mH
39.999 mH
0.6% + 2 digits
0.1% + 2 digits
0.6% + 50 digits
0.1% + 2 digits
Series
4000 µH
4 mH**
3999.9 µH
3.9999 mH**
0.9% + 2 digits
0.45% + 2 digits
0.9% + 50 digits
0.45% + 2 digits
Series
400 µH
399.99 µH
2.8% + 3 digits
1.4% + 5 digits
2.8% + 50 digits
Not Specified
Series
1000 mH
1000.0 mH
1.5% + 3 digits
0.8% + 3 digits
1.5% + 50 digits
0.8% + 3 digits
Parallel
400 mH
399.99 mH
0.7% + 2 digits
0.35% + 2 digits
0.7% + 50 digits
0.35% + 2 digits
Series/ Parallel
(Parallel)**
40 mH
39.999 mH
0.5% + 1 digits
0.1% + 2 digits
0.5% + 50 digits
0.1% + 2 digits
Series
Series/ Parallel**
4000 µH
4 mH**
3999.9 µH
3.9999 mH**
0.6% + 2 digits
0.3% + 2 digits
0.6% + 50 digits
0.3% + 2 digits
Series
400 µH
399.99 µH
0.9% + 2 digits
0.45% + 2 digits
0.9% +50 digits
0.45% + 2 digits
Series
40 µH
39.99 µH
2.8% + 3 digits
1.4% + 5 digits
2.8% + 50 digits
Not Specified
Series
100 mH
399.99 mH
N/A
1.5% + 5 digits
N/A
1.5% + 5 digits
Parallel
40 mH
39.999 mH
N/A
1.5% + 2 digits
N/A
1.5% + 2 digits
Parallel
4 mH
3.9999 mH
N/A
0.5% + 2 digits
N/A
0.5% + 2 digits
Series/ Parallel
400 µH
399.99 µH
N/A
0.5% + 2 digits
N/A
0.5% + 2 digits
Series
40 µH
39.999 µH
N/A
0.8% + 5 digits
N/A
0.8% + 5 digits
Series
4 µH
3.999 µH
N/A
2.5% + 10 digits
N/A
Not Specified
Series
Specifications (cont.)
* = Models 879B & 880 only, ** = Model 880 only



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com