Electronic Components Datasheet Search
  English  ▼

X  

875B Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 875B
Description  Simultaneously displays measured value and Q or dissipation factor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

875B Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  875B Datasheet HTML 1Page - List of Unclassifed Manufacturers 875B Datasheet HTML 2Page - List of Unclassifed Manufacturers 875B Datasheet HTML 3Page - List of Unclassifed Manufacturers 875B Datasheet HTML 4Page - List of Unclassifed Manufacturers 875B Datasheet HTML 5Page - List of Unclassifed Manufacturers 875B Datasheet HTML 6Page - List of Unclassifed Manufacturers 875B Datasheet HTML 7Page - List of Unclassifed Manufacturers 875B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
40,000-Count Dual-Display Handheld LCR Meters
Models 878B, 879B and 880
8
www.bkprecision.com
v091616
Range
Max Display
Accuracy
20 MΩ
20.000 MΩ
2 %+20 digits
4 MΩ
3.9999 MΩ
1%+10 digits
400 kΩ
399.99 kΩ
0.5%+5 digits
40 kΩ
39.999 kΩ
0.1%+2 digits
4 kΩ
3.9999 kΩ
0.1%+2 digits
400 Ω
399.99 Ω
0.1%+2 digits
40 Ω
39.999 Ω
0.1%+2 digits
4 Ω
3.9999 Ω
0.5%+10 digits
0.4 Ω
0.3999 Ω
2%+20 digits
Specifications (cont.)
Notes: Equivalent series resistance (ESR) accuracy for the 880 is calculated according to the following formula:
R
se = ±X
x x Øe
where X
x is the measured impedance, 2πfL
x or
, and
Ø
e is the phase angle accuracy, θe x
.
1
2
πfC
x
π
180



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com