Electronic Components Datasheet Search
  English  ▼

X  

875B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 875B
Description  Simultaneously displays measured value and Q or dissipation factor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

875B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  875B Datasheet HTML 1Page - List of Unclassifed Manufacturers 875B Datasheet HTML 2Page - List of Unclassifed Manufacturers 875B Datasheet HTML 3Page - List of Unclassifed Manufacturers 875B Datasheet HTML 4Page - List of Unclassifed Manufacturers 875B Datasheet HTML 5Page - List of Unclassifed Manufacturers 875B Datasheet HTML 6Page - List of Unclassifed Manufacturers 875B Datasheet HTML 7Page - List of Unclassifed Manufacturers 875B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet
40,000-Count Dual-Display Handheld LCR Meters
Models 878B, 879B, and 880
Technical data subject to change
© B&K Precision Corp. 2016
www.bkprecision.com
Features & Benefits
n
40,000 counts resolution on primary and
10,000 counts resolution on secondary display
n
L, C, R and Z (879B & 880 only) primary
measurements
n
Automatic calculation of secondary parameters
D, Q,
θ, ESR (θ/ESR for 879B & 880 only),
DCR (880 only)
n
Accuracy up to 0.1% and selectable test
frequencies up to 100 kHz (880 only)
n
Fast auto range design for rapid, easy
component measurements
n
Auto detect mode for automatic component
type identification and measurement type
selection (880 only)
n
Relative mode
n
Visible and audible tolerance mode
n
Data Hold and Min/Max/Average recording
n
USB (Virtual COM) interface
n
SCPI compliant commands for remote
communication
n
Software for datalogging and front panel
emulation available as free download
n
Configurable power-up-states
n
3 year warranty
Full Featured Handheld LCR Meters
The 878B, 879B, and 880 40,000-count
handheld LCR meters measure inductance,
capacitance, and resistance quickly and precisely.
The 879B and 880 also measure impedance,
Theta, and ESR. Additionally, the 880 offers
capabilities typically only found in bench LCR
meters such as a 4-terminal configuration, basic
measurement accuracy up to 0.1 %, test
frequencies up to 100 kHz, selectable test signal
levels and measurement rate.
Fast auto ranging and quick measurement
configuration such as measurement parameter
and test frequency selection make these meters
very simple to operate. The meters also include
handy functions such as data hold, Min/Max/
Average recording, tolerance sorting, and relative
mode.
Measurement data can continuously transfer to
a PC via the meter’s mini USB interface, using
either the provided data logging software or SCPI
commands sent from a custom program.
Specifications
878B
879B
880
Measurements
L, C, R, D, Q
L, C, R, Z, D, Q,
θ, ESR L, C, R, Z, D, Q, θ, ESR & DCR
Basic Accuracy
0.5%
0.5%
0.1%
Test Frequency
120 Hz, 1 kHz
100 Hz, 120 Hz,
1 kHz, 10 kHz
100 Hz, 120 Hz,
1 kHz, 10 kHz, 100 kHz
Test Signal
0.6 Vrms
0.6 Vrms
0.3 Vrms, 0.6 Vrms, 1 Vrms
DCR: 1 Vdc
Backlit Display
-
√
√
Auto Detect Mode
-
-
√
Tolerance Mode
1%, 5%, 10%
1%, 5%, 10%, 20%
1%, 5%, 10%, 20%
Measurement Rate
1.5 readings/sec
1.5 readings/sec
4 readings/sec (fast),
1.5 readings/sec (slow)
ESR Measurements
Models 879B and 880 have the ability to measure
the ESR (Equivalent Series Resistance) of
capacitors. ESR is the sum of in-phase AC
resistance of a capacitor and used to rate a
capacitor’s quality. An ideal capacitor would be
lossless and have an ESR of zero. A capacitor
could measure the correct capacitance value, yet
still be defective, due to the component’s
excessive in-phase AC resistance. The 879B and
880 would be able to detect this faulty
component.
Applications
n
Passive component troubleshooting
n
Electronic assembly
n
Quality control (component sorting)


Similar Part No. - 875B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
875B ETC2-875B Datasheet
915Kb / 1P
Precision measurement of very low resistances
More results

Similar Description - 875B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2DFO VISHAY-2DFO Datasheet
123Kb / 2P
Low Dissipation Factor Disc Capacitors
14-May-02
logo
EPCOS
B37923K5100B060 EPCOS-B37923K5100B060 Datasheet
126Kb / 14P
Ultra-low ESR and high Q factor
logo
STMicroelectronics
AN2385 STMICROELECTRONICS-AN2385 Datasheet
632Kb / 14P
Power dissipation and its linear derating factor
13-Jun-2006
logo
MERITEK ELECTRONICS COR...
MA MERITEK-MA Datasheet
1Mb / 14P
Low dissipation factor
TMPP-FMPP MERITEK-TMPP-FMPP Datasheet
219Kb / 1P
Low dissipation factor (DF), excellent for high frequency
logo
Illinois Capacitor, Inc...
FSB ILLINOISCAPACITOR-FSB Datasheet
222Kb / 2P
High voltage ??Low Leakage ??low dissipation Factor
logo
Cornell Dubilier Electr...
715P CDE-715P Datasheet
493Kb / 15P
Low dissipation factor.
716P CDE-716P Datasheet
381Kb / 15P
Extremely low dissipation factor
logo
Festo Corporation.
542117 FESTO-542117 Datasheet
75Kb / 2P
Measured-value transducer
4/20/22
542118 FESTO-542118 Datasheet
76Kb / 2P
Measured-value transducer
4/20/22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com