Electronic Components Datasheet Search
  English  ▼

X  

875B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 875B
Description  Simultaneously displays measured value and Q or dissipation factor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

875B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  875B Datasheet HTML 1Page - List of Unclassifed Manufacturers 875B Datasheet HTML 2Page - List of Unclassifed Manufacturers 875B Datasheet HTML 3Page - List of Unclassifed Manufacturers 875B Datasheet HTML 4Page - List of Unclassifed Manufacturers 875B Datasheet HTML 5Page - List of Unclassifed Manufacturers 875B Datasheet HTML 6Page - List of Unclassifed Manufacturers 875B Datasheet HTML 7Page - List of Unclassifed Manufacturers 875B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
40,000-Count Dual-Display Handheld LCR Meters
Models 878B, 879B, and 880
6
www.bkprecision.com
Specifications (cont.)
Range
Max
Display
Cx Accuracy
(878B & 879B)
Cx Accuracy
(880 only)
DF (Dx <0.5)
(878B & 879B)
DF (Dx <0.5)
(880 only)
Measurement
Mode
20 mF
20.000 mF
8% + 3 digits
5% + 5 digits
8% + 50 digits
5% + 5 digits
Series
4000 µF
(4 mF)**
3999.9 µF
(3.9999 mF)**
2% + 2 digits
1% + 3 digits
2% + 50 digits
1% + 3 digits
Series
400 µF
399.99 µF
0.7% + 2 digits
0.35% + 2 digits
0.7% + 50 digits
0.35% + 2 digits
Series
40 µF
39.999 nF
0.5% + 1 digits
0.1% + 2 digits
0.5% + 50 digits
0.1% + 2 digits
Series
4000 nF
4 µF**
3999.9 nF
3.9999 µF**
0.5% + 1 digits
0.1% + 2 digits
0.5% + 50 digits
0.1% + 2 digits
Series/ Parallel
400 nF
399.99 nF
0.5% + 2 digits
0.1% + 2 digits
0.5% + 50 digits
0.1% + 2 digits
Series/ Parallel
(Parallel)**
40 nF
39.999 nF
0.7% + 1 digits
0.35% + 3 digits
0.7% + 50 digits
0.35% + 3 digits
Parallel
4 nF
3.9999 nF
2.5% + 2 digits
1.25% + 5 digits
2.5% + 50 digits
Not Specified
Parallel
1000 µF
1000.0 µF
3.7% + 3 digits
2% + 5 digits
3.7% + 50 digits
2% + 5 digits
Series
400 µF
399.99 µF
2% + 2 digits
1% + 3 digits
2% + 50 digits
1% + 3 digits
Series
40 µF
39.999 µF
0.7% + 2 digits
0.35% + 2 digits
0.7% + 50 digits
0.35% + 2 digits
Series
4000 nF
4 µF**
3999.9 nF
3.9999 µF**
0.5% + 1 digit
0.1% + 2 digits
0.5% + 50 digit
0.1% + 2 digits
Series
400 nF
399.99 nF
0.5% + 2 digits
0.1% + 2 digits
0.5% + 50 digits
0.1% + 2 digits
Series/ Parallel
40 nF
39.999 nF
0.5% + 2 digits
0.1% + 2 digits
0.5% + 50 digits
0.1% + 2 digits
Series/ Parallel
(Parallel)**
4000 pF
4 nF**
3999.9 pF
3.9999 nF**
0.7% + 2 digits
0.35% + 3 digits
0.7% + 50 digits
0.35% + 3 digits
Parallel
400 pF
399.9 pF
2.5% + 2 digits
1.25% + 5 digits
2.5% + 50 digits
Not Specified
Parallel
100 µF
100.00 µF
3.9% + 5 digits
3% + 5 digits
3.9% + 50 digits
3% + 5 digits
Series
40 µF
39.999 µF
3.7% + 3 digits
1.5% + 3 digits
3.7% + 50 digits
1.5% + 3 digits
Series
4000 nF
4 nF**
3999.9 nF
3.9999 nF**
0.7% + 2 digits
0.35% + 2 digits
0.7% + 50 digits
0.35% + 2 digits
Series
400 nF
399.99 nF
0.5% + 2 digits
0.1% + 2 digits
0.5% + 50 digits
0.1% + 2 digits
Series
40 nF
39.999 nF
0.5% + 1 digit
0.1% + 2 digits
0.5% + 50 digit
0.1% + 2 digits
Series/ Parallel
4000 pF
3999.9 nF
0.5% + 2 digits
0.1% + 2 digits
0.5% + 50 digits
0.1% + 2 digits
Series/ Parallel
(Parallel)**
400 pF
399.99 pF
0.7% + 2 digits
0.35% + 3 digits
0.7% + 50 digits
0.35% + 3 digits
Parallel
40 pF
39.99 pF
2.5% + 2 digits
1.5% + 5 digits
2.5% + 50 digits
Not Specified
Parallel
10 µF
10.000 µF
N/A
6% + 20 digits
N/A
6% + 20 digits
Series
4 µF
3.9999 µF
N/A
2.5% + 10 digits
N/A
2.5% + 10 digits
Series
400 nF
399.99 nF
N/A
0.8% + 5 digits
N/A
0.8% + 5 digits
Series
40 nF
39.999 nF
N/A
0.5% + 2 digits
N/A
0.5% + 2 digits
Series/ Parallel
4 nF
3.9999 nF
N/A
0.5% + 2 digit
N/A
0.5% + 2 digit
Parallel
400 pF
399.99 pF
N/A
0.8% + 2 digits
N/A
0.8% + 2 digits
Parallel
40 pF
39.999 pF
N/A
1.2% + 5 digits
N/A
1.2% + 5 digits
Parallel
4 pF
3.999 pF
N/A
Not Specified
N/A
Not Specified
Parallel
* = Models 879B & 880 only, ** = Model 880 only



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com