Electronic Components Datasheet Search
  English  ▼

X  

891 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 891
Description  Compact 2U half-rack form factor with 4.3??color display
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

891 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  891 Datasheet HTML 1Page - List of Unclassifed Manufacturers 891 Datasheet HTML 2Page - List of Unclassifed Manufacturers 891 Datasheet HTML 3Page - List of Unclassifed Manufacturers 891 Datasheet HTML 4Page - List of Unclassifed Manufacturers 891 Datasheet HTML 5Page - List of Unclassifed Manufacturers 891 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.bkprecision.com
Bench LCR Meter
Model 891
2
4.3” color display
Front panel
Local key
Numeric keypad
Arrow keys
Save/Recall
keys
Menu keys
Power switch
USB host port
Measurement
terminal
Intuitive user interface
Easily change test parameters using the menu-driven front panel keypad and
easy-to-read color LCD. Convenient function keys let users quickly save/recall
up to 100 measurement setups.
Rear panel
AC input
Fuse capsule
AC line
selection switch
USB interface
Softkeys
Chassis ground
LAN interface
GPIB interface
USB host port
Connect your USB flash drive to
conveniently store and recall
configurations, measurements,
and sweep test results.
SCPI-compliant
programming
The LCR meter can be
programmed remotely via the
USB (virtual COM), GPIB, and
LAN interface using SCPI
commands.
Flexible test accessories
Each unit comes standard with Kelvin clip test leads for 4-wire measurements. The
optional test fixture allows users to conveniently measure axial and radial lead type
components.
Included Kelvin clips (TL 889A)
Optional Test Fixture (TL89F1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com