Electronic Components Datasheet Search
  English  ▼

X  

891 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 891
Description  Compact 2U half-rack form factor with 4.3??color display
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

891 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  891 Datasheet HTML 1Page - List of Unclassifed Manufacturers 891 Datasheet HTML 2Page - List of Unclassifed Manufacturers 891 Datasheet HTML 3Page - List of Unclassifed Manufacturers 891 Datasheet HTML 4Page - List of Unclassifed Manufacturers 891 Datasheet HTML 5Page - List of Unclassifed Manufacturers 891 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.bkprecision.com
Bench LCR Meter
Model 891
3
Flexible operation
Remote PC control
Integrate your LCR meter into an automated test
system and control it from a PC using SCPI
commands via the standard USB, GPIB, or LAN
interface.
Display options
Users have the option to display up to 4 digits
resolution on primary and secondary
measurements in decimal or scientific notation.
Large display mode is also available for easy
viewing from a distance.
Configure and control basic instrument settings
and take measurements from a remote computer
using a web browser. The 891 can also be
controlled with SCPI commands using a socket
or Telnet connection via the LAN interface.
Built-in web server and LAN interface
Quickly sort components with the instrument’s
9 primary BINs, 1 secondary BIN, and 1
out-of-spec BIN. The results can be displayed
on a table or histogram and saved to a USB flash
drive. High and low limits for each bin can be set
up in absolute or tolerance mode with Pass/Fail
beep.
Bin comparator sorting function
Histogram display, Table display, and Bin display
Large display mode
Linear sweep function, Logarithmic sweep function, and Linear & Logarithmic sweep function table
Characterize components up to 300 kHz using a
300-point linear or logarithmic sweep. Measured
values for each frequency point can be read
directly on the display. Sweep results can be
displayed on a graph or table and then saved to
a USB flash drive or read out through the remote
interface.
Linear and logarithmic sweep function
Communication setup
Built-in web server interface



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com