Electronic Components Datasheet Search
  English  ▼

X  

891 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 891
Description  Compact 2U half-rack form factor with 4.3??color display
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

891 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  891 Datasheet HTML 1Page - List of Unclassifed Manufacturers 891 Datasheet HTML 2Page - List of Unclassifed Manufacturers 891 Datasheet HTML 3Page - List of Unclassifed Manufacturers 891 Datasheet HTML 4Page - List of Unclassifed Manufacturers 891 Datasheet HTML 5Page - List of Unclassifed Manufacturers 891 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.bkprecision.com
Bench LCR Meter
Model 891
5
Specifications (cont.)
Save/Recall
Instrument Settings
Internal
10 locations
External
90 locations
Measurement Results and Screenshots
External
1000 locations
Impedance Measurement (Z) Accuracy (1)
Impedance
Frequency
DC, 20 Hz – 1 kHz
1 kHz – 10 kHz
10 kHz– 100 kHz 100 kHz – 200 kHz 200 kHz – 300 kHz
0.1
Ω – 1 Ω
1% ± 1
1% ± 1
2% ± 1
5% ± 1
10% ±1
1
Ω – 100 Ω
0.5% ± 1
0.5% ± 1
1% ± 1
2% ± 1
4% ± 1
100
Ω – 1 kΩ
0.2% ± 1
0.2% ± 1
0.5% ± 1
0.5% ± 1
1% ± 1
1 k
Ω – 10 kΩ
0.05% ± 1
0.2% ± 1
0.5% ± 1
1% ± 1
2% ± 1
10 k
Ω – 100 kΩ
0.2% ± 1
0.2% ± 1
1% ± 1
1% ± 1
2% ± 1
100 k
Ω – 1 MΩ
0.5% ± 1
0.5% ± 1
2% ± 1
3% ± 1
4% ± 1
1 M
Ω – 10 MΩ
2% ± 1
2% ± 1
5% ± 1
5% ± 1
10% ± 1
10 M
Ω – 20 MΩ
4% ± 1
5% ± 1
NA
NA
NA
Test Signal
AC
Levels
0.5 Vrms and 1 Vrms selectable
Level Accuracy
5%
Output Impedance
100
Ω (nominal)
Frequency
20 Hz to 300 kHz
Resolution
0.01 Hz (20.00 Hz to 99.99 Hz)
0.1 Hz (100.0 Hz to 999.9 Hz)
1 Hz (1.000 kHz to 9.999 kHz)
100 Hz (100.0 kHz to 300.0 kHz)
Frequency Accuracy
± 0.1%
DC
Level Range
1 VDC
Level Accuracy
5%
Output Impedance
100
Ω (nominal)
(1) Accuracy is based on test signal level at 1 Vrms with slow measurement speed.
At 0.5 Vrms test signal level, multiply Ae by 1.1.
General
Remote Interface
USB (Virtual COM), GPIB, LAN
Display
4.3” 480 × 272 color LCD display
AC Input
104 V - 126 V, 50/60 Hz
207 V - 253 V, 50/60 Hz
Power Consumption
20 VA max.
Operating Temperature
32 °F to 104 °F (0 °C to 40 °C)
Storage Temperature
14 °F to 158 °F (-10 °C to 70 °C)
Relative Humidity
up to 80%
Dimension (L × W × H)
10.1” x 4.4” x 15” (258 × 113 × 381 mm)
Weight
7.5 lbs (3.4 kg)
Three-Year Warranty
Standard Accessories
User manual, power cord, Kelvin clips (TL 889A), certificate of calibration & test report
Optional Accessories
TL89F1 test fixture (axial and radial)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com