Electronic Components Datasheet Search
  English  ▼

X  

891 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 891
Description  Compact 2U half-rack form factor with 4.3??color display
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

891 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  891 Datasheet HTML 1Page - List of Unclassifed Manufacturers 891 Datasheet HTML 2Page - List of Unclassifed Manufacturers 891 Datasheet HTML 3Page - List of Unclassifed Manufacturers 891 Datasheet HTML 4Page - List of Unclassifed Manufacturers 891 Datasheet HTML 5Page - List of Unclassifed Manufacturers 891 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Bench LCR Meter
Model 891
Data Sheet
www.bkprecision.com
Technical data subject to change
© B&K Precision Corp. 2016
Features & Benefits
I
Compact 2U half-rack form factor with 4.3”
color display
I
0.05% best impedance accuracy
I
Measurement parameters include:
C/L/R/G/B/Y/D/Q/
θ/DCR
I
Fully adjustable test frequency from 20 Hz to
300 kHz with 4-digit resolution
I
0.5 Vrms and 1 Vrms selectable test levels
I
300-point frequency sweep function
I
Bin sorting function - 9 primary bins with a
secondary and out-of-spec bin
I
Adjustable measurement speed for fast
readout or better accuracy
I
Standard USB, GPIB, and LAN interface
for remote control
I
Save/recall up to 100 setups including 1000
measurements and screenshots
The 891 is a compact, precise, and versatile LCR
meter capable of measuring inductors, capacitors,
and resistors at DC or from 20 Hz to 300 kHz.
The instrument’s 2U half-rack form factor is
suitable for the bench or rack mount installation.
A large color display with all important parameters
and measurements visible on one screen makes
this meter easy to operate.
The instrument’s convenient bin sorting function
enables quick sorting of components in different
bins defined by the user. A linear and logarithmic
sweep function is also provided to characterize
components over any range of frequencies from
20 Hz to 300 kHz.
Standard USB, GPIB, and LAN interfaces
enhance your productivity by providing remote
control capabilities to perform daily operations
in production, quality control, and laboratory
environments.
Model
891
Best accuracy
0.05%
Test frequency
20 Hz - 300 kHz
Test levels
0.5 Vrms and 1 Vrms selectable
Measurement parameters
C/L/R/G/B/Y/D/Q/
θ/DCR


Similar Part No. - 891

ManufacturerPart #DatasheetDescription
logo
Song Chuan Precision Co...
891 SONGCHUAN-891 Datasheet
93Kb / 5P
Power Relay.
logo
Copyright BG
891 BG-891 Datasheet
5Mb / 6P
SLEEK AND SLIM, WITH SOFTLY ROUNDED CORNERS AND GENTLY CURVED ROCKERS, NEXUS COMBINES SUPERIOR QUALITY WITH STUNNING GOOD LOOK SAND EASY INSTALLATION.
logo
Keystone Electronics Co...
891 KEYSTONE-891 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Glenair, Inc.
891-001 GLENAIR-891-001 Datasheet
202Kb / 2P
Nanominiature Connectors Double Row Insulated Wire Pigtail Assemblies
891-001-15PA1-0A GLENAIR-891-001-15PA1-0A Datasheet
202Kb / 2P
Nanominiature Connectors Double Row Insulated Wire Pigtail Assemblies
More results

Similar Description - 891

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDA430-3GH-1 HANTRONIX-HDA430-3GH-1 Datasheet
1Mb / 17P
4.3?? 480x272 TFT COLOR GRAPHICS LCD DISPLAY MODULE
logo
MTRONPTI
PA4003P MTRONPTI-PA4003P Datasheet
1Mb / 6P
Small form factor rack mounted system
logo
American Electronic Com...
DA30-P736 AEC-DA30-P736 Datasheet
327Kb / 2P
compact form factor
logo
Laird Tech Smart Techno...
LA-075-24-02-00-00 LSTD-LA-075-24-02-00-00 Datasheet
264Kb / 3P
Compact form factor
LA-024-12-02-00-00 LSTD-LA-024-12-02-00-00 Datasheet
262Kb / 3P
Compact form factor
LA-160-24-02-00-00 LSTD-LA-160-24-02-00-00 Datasheet
307Kb / 3P
Compact form factor
DL-210-24-00-00-00 LSTD-DL-210-24-00-00-00 Datasheet
241Kb / 3P
Compact form factor
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3E AVAGO-ALMD-EL3E Datasheet
655Kb / 12P
Compact form factor
ALMD-EL3D AVAGO-ALMD-EL3D Datasheet
1Mb / 14P
Compact form factor
logo
Apacer Technology Inc.
SM22P-297 APACER-SM22P-297 Datasheet
4Mb / 4P
SSD (Solid-State Disk) with compact form factor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com