Electronic Components Datasheet Search
  English  ▼

X  

894 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 894
Description  AC test signal voltage adjustable up to 2 Vrms
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

894 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  894 Datasheet HTML 1Page - List of Unclassifed Manufacturers 894 Datasheet HTML 2Page - List of Unclassifed Manufacturers 894 Datasheet HTML 3Page - List of Unclassifed Manufacturers 894 Datasheet HTML 4Page - List of Unclassifed Manufacturers 894 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
500 kHz / 1 MHz Precision LCR Meter
Models 894 & 895
2
www.bkprecision.com
Front panel
USB host port
Connect your USB flash drive
to conveniently save and recall
measurement data logs, settings, and
screenshots.
Variable test signals
The instrument provides settable
voltage levels from 5 mVrms to 2 Vrms
to evaluate your DUT.
Intuitive user interface
Easily change test parameters using the
menu-driven front panel keypad.
4.3” TFT high
resolution color
display
Pass/Fail LED
indicators
Rear panel
GPIB interface
(Model 895 only)
Handler interface
36-pin connector to interface with component handler via input/output control signals.
Includes bin and list sweep comparator results and end of measurement (EOM) indicator
output signals, external trigger, and key lock input signal.
RS232
interface
LAN
interface
USB
interface
AC input
Zoom display mode
Enlarge the displayed values for easy
viewing with a touch of a button. The
voltage and current across the DUT are
also monitored in zoom display mode.
Built-in
DC bias
source



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com