Electronic Components Datasheet Search
  English  ▼

X  

894 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 894
Description  AC test signal voltage adjustable up to 2 Vrms
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

894 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  894 Datasheet HTML 1Page - List of Unclassifed Manufacturers 894 Datasheet HTML 2Page - List of Unclassifed Manufacturers 894 Datasheet HTML 3Page - List of Unclassifed Manufacturers 894 Datasheet HTML 4Page - List of Unclassifed Manufacturers 894 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
500 kHz / 1 MHz Precision LCR Meter
Models 894 & 895
3
www.bkprecision.com
Use the built-in linear and logarithmic sweep
function, supporting up to 201 sweep points, to
conveniently display, analyze and store
primary and secondary parameters of a
component. Sweep test frequency, AC source
voltage and current levels, DC bias source
voltage and current levels. A delay can be
programmed after each sweep point. The list
sweep can be triggered internally, manually or
externally and executed in sequence or step
mode.
Programmable List sweep
Quickly sort components using the instrument’s 9
primary BINs, a secondary BIN and
out-of-specification BIN. The results can be
displayed in a table on-screen or output via
the handler interface. High and low limits for
each bin can be set up in absolute, tolerance or
sequential mode with Pass/Fail indicator.
Bin sorting function
Integrate your LCR meter into an automated test
system and control it from a PC using SCPI
commands via the RS232, USB, LAN, or
GPIB (895 only) interface.
Remote PC control
Flexible test accessories
Standard accessories shipped with each unit are Kelvin clip test leads for 4-wire measurements, a test fixture, and shorting bar. The optional transformer test
fixture allows users to measure transformer parameters.
Kelvin clips (TL89K1)
Transformer test fixture (TL89T1)
Test fixture (TL89F2)
Shorting bar (TLBSB)
Transformer measurements (optional)
Diagram showing the TL89T1 connected to a
transformer under test.
Using optional test fixture TL89T1, the 894
and 895 can test the primary and secondary
inductance L1, L2, turn ratio (N, 1/N), mutual
inductance (M), and primary and secondary
direct-current resistance (R2) of a transformer
directly. Additionally, the two common
transformer parameters winding equivalent
capacitance C
o and leakage inductance Lk can
be characterized indirectly.
Powerful Features
Included
Optional



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com