Electronic Components Datasheet Search
  English  ▼

X  

894 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 894
Description  AC test signal voltage adjustable up to 2 Vrms
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

894 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  894 Datasheet HTML 1Page - List of Unclassifed Manufacturers 894 Datasheet HTML 2Page - List of Unclassifed Manufacturers 894 Datasheet HTML 3Page - List of Unclassifed Manufacturers 894 Datasheet HTML 4Page - List of Unclassifed Manufacturers 894 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
500 kHz / 1 MHz Precision LCR Meter
Models 894 & 895
5
www.bkprecision.com
v011917
Measurement Accuracy
The chart below depicts the basic measurement accuracy under the following conditions: AC test signal level 0.5 Vrms or 1 Vrms, measurement speed Slow
or Medium, cable length 0 m, DC bias OFF, Dx ≤ 0.1 or Qx ≤ 0.1 respectively. When selecting measurement speed Fast, double the accuracy value obtained
from the chart.
For more detailed measurement accuracy specifications and other test conditions, refer to the user manual.
DCR Accuracy: A(1 + Rx / 5 MΩ + 16 mΩ / Rx)[%] ±0.2 mΩ A=0.25 for slow & medium speed, A=0.5 for fast speed



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com