Electronic Components Datasheet Search
  English  ▼

X  

894 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 894
Description  AC test signal voltage adjustable up to 2 Vrms
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

894 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  894 Datasheet HTML 1Page - List of Unclassifed Manufacturers 894 Datasheet HTML 2Page - List of Unclassifed Manufacturers 894 Datasheet HTML 3Page - List of Unclassifed Manufacturers 894 Datasheet HTML 4Page - List of Unclassifed Manufacturers 894 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
500 kHz / 1 MHz Precision LCR Meter
Models 894 & 895
Technical data subject to change
© B&K Precision Corp. 2017
www.bkprecision.com
Industry-Leading Performance
The 894 and 895 are high accuracy LCR meters
capable of measuring inductance, capacitance,
and resistance of components and materials at
DC or from 20 Hz to 500 kHz or 1 MHz
respectively. These LCR meters provide flexible
AC and DC test signal configuration. AC test
signal voltage is variable from 5 mVrms to
2 Vrms, the AC current is adjustable up to
66.7 mArms, depending on the AC impedance
selected, and a DC bias signal can be added. The
vivid 4.3-inch TFT LCD offers a clear view of all
measured and setting values along with BIN
sorting comparator results and a handy Zoom
feature that enlarges the measured values to full
screen. With a basic accuracy of 0.05%, auto
level control (ALC), open / short / load correction
and cable length compensation, these meter are
perfect tools for R&D, manufacturing and quality
control applications.
Features & Benefits
n
AC test signal voltage adjustable up to 2 Vrms
n
3 AC current ranges, selectable via 30 Ω,
50 Ω or 100 Ω internal AC impedance. The
30 Ω setting provides up to 66.7 mArms of
drive current, sufficient for larger inductors
and transformers.
n
Built-in DC bias source adjustable from
-5V to +5V / -50 mA to +50 mA
n
Fast measurement speed up to 13 ms/reading
to increase manufacturing throughput
n
Adjustable measurement speed for fast readout
or better accuracy
n
201-point programmable list sweep function
providing ability to sweep frequency, AC
and DC bias voltage/current levels
n
Auto-level control to maintain the
measurement signal applied to the DUT at a
constant level
n
Test signal voltage and current monitoring
n
BIN comparator function to sort components
in up to 10 bin locations
n
Handler interface for easy integration with a
component handler
n
1 m and 2 m cable compensation
n
4-terminal fixture and Kelvin clip test leads
included
n
Transformer test function with optional
transformer test fixture TL89T1
n
Versatile trigger functionality (internal,
external, bus and manual)
n
Standard USB, LAN, and GPIB (895 only)
interface for remote control using SCPI
commands
DC Biasing
Both the 894 and 895 feature a DC bias source
which allows the meter to apply a DC signal
to the device under test to simulate in-circuit
conditions.
DC biasing is commonly used to measure
capacitance of ceramic, MLCC, polyester and
other capacitors with high dielectric constants.
These type of capacitors exhibit a significant
change in capacitance with a DC voltage applied.
By controlling the DC voltage, users can obtain
a more deterministic measurement result. Other
applications include evaluation of
cored-inductors and junction capacitance of
semiconductor devices.
The DC bias source is adjustable from -5V to +5V
/ -50 mA to +50 mA. Additionally the voltage
or current levels can be swept while logging the
resulting capacitance.
Model
894
895
Measurement parameters
L, C, R, G, X, Z, Y, B, θ, Q, D, DCR
Basic accuracy
0.05%
DCR measurement range
0.01 Ω - 100 MΩ
Test frequency range
20 Hz - 500 kHz
20 Hz - 1 MHz


Similar Part No. - 894

ManufacturerPart #DatasheetDescription
logo
NYLENE
894 NYLENE-894 Datasheet
293Kb / 1P
Rotational Molding
logo
Copyright BG
894 BG-894 Datasheet
5Mb / 6P
SLEEK AND SLIM, WITH SOFTLY ROUNDED CORNERS AND GENTLY CURVED ROCKERS, NEXUS COMBINES SUPERIOR QUALITY WITH STUNNING GOOD LOOK SAND EASY INSTALLATION.
logo
Keystone Electronics Co...
894 KEYSTONE-894 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
NYLENE
894-IM NYLENE-894-IM Datasheet
326Kb / 1P
Rotational Molding
logo
3M Electronics
8940 3M-8940 Datasheet
77Kb / 4P
3M™ Thermally Conductive Adhesive Tape 8940 / 8943
04-Nov-2007
More results

Similar Description - 894

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV632 TI-DRV632 Datasheet
450Kb / 18P
DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
logo
Extech Instruments Corp...
DV30 EXTECH-DV30 Datasheet
222Kb / 1P
Adjustable AC Voltage Detector
logo
Texas Instruments
DRV632 TI-DRV632_15 Datasheet
807Kb / 23P
DRV632 DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
logo
Silicon Laboratories
SI88X2X SILABS-SI88X2X Datasheet
768Kb / 45P
Isolation of up to 5000 Vrms
logo
Diodes Incorporated
PAM8100 DIODES-PAM8100 Datasheet
327Kb / 7P
3-VRMS Line Driver with Adjustable Gain
Rev 1
logo
Unisonic Technologies
PA3632 UTC-PA3632 Datasheet
205Kb / 9P
DIRECT 2-VRMS AUDIO LINE DRIVER WITH ADJUSTABLE GAIN
logo
Princeton Technology Co...
PT3323 PTC-PT3323 Datasheet
223Kb / 4P
2-VRMS Audio Line Driver With Adjustable Gain
logo
Maxim Integrated Produc...
MAX15015AEVKIT MAXIM-MAX15015AEVKIT Datasheet
132Kb / 7P
LDO Voltage Adjustable Up to 11V
Rev 0; 12/06
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com