Electronic Components Datasheet Search
  English  ▼

X  

LM6171 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6171
Description  High Speed Low Power Low Distortion Voltage Feedback Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6171 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM6171 Datasheet HTML 1Page - National Semiconductor (TI) LM6171 Datasheet HTML 2Page - National Semiconductor (TI) LM6171 Datasheet HTML 3Page - National Semiconductor (TI) LM6171 Datasheet HTML 4Page - National Semiconductor (TI) LM6171 Datasheet HTML 5Page - National Semiconductor (TI) LM6171 Datasheet HTML 6Page - National Semiconductor (TI) LM6171 Datasheet HTML 7Page - National Semiconductor (TI) LM6171 Datasheet HTML 8Page - National Semiconductor (TI) LM6171 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
2.5 kV
Supply Voltage (V
+–V−)
36V
Differential Input Voltage
(Note 11)
±10V
Common-Mode
Voltage Range
V
+ −1.4V to V− + 1.4V
Output Short Circuit to Ground
(Note 3)
Continuous
Storage Temperature Range
−65˚C to +150˚C
Maximum Junction Temperature
(Note 4)
150˚C
Operating Ratings (Note 1)
Supply Voltage
2.75V
≤ V+ ≤ 18V
Junction Temperature Range
LM6171AI, LM6171BI
−40˚C
≤ T
J ≤ +85˚C
Thermal Resistance (
θ
JA)
N Package, 8-Pin Molded DIP
108˚C/W
M Package, 8-Pin Surface Mount
172˚C/W
±15V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = +15V, V− = −15V, V
CM = 0V, and RL = 1kΩ. Boldface
limits apply at the temperature extremes
Typ
LM6171AI
LM6171BI
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
1.5
3
6
mV
58
max
TC V
OS
Input Offset Voltage Average Drift
6
µV/˚C
I
B
Input Bias Current
1
3
3
µA
44
max
I
OS
Input Offset Current
0.03
2
2
µA
33
max
R
IN
Input Resistance
Common Mode
40
M
Ω
Differential Mode
4.9
R
O
Open Loop
14
Ω
Output Resistance
CMRR
Common Mode
V
CM = ±10V
110
80
75
dB
Rejection Ratio
75
70
min
PSRR
Power Supply
V
S = ±15V to ±5V
95
85
80
dB
Rejection Ratio
80
75
min
V
CM
Input Common-Mode
CMRR
≥ 60 dB
±13.5
V
Voltage Range
A
V
Large Signal Voltage
R
L = 1kΩ
90
80
80
dB
Gain (Note 7)
70
70
min
R
L = 100Ω
83
70
70
dB
60
60
min
V
O
Output Swing
R
L = 1kΩ
13.3
12.5
12.5
V
12
12
min
−13.3
−12.5
−12.5
V
−12
−12
max
R
L = 100Ω
11.6
9
9
V
8.5
8.5
min
−10.5
−9
−9
V
−8.5
−8.5
max
Continuous Output Current
Sourcing, R
L = 100Ω
116
90
90
mA
(Open Loop) (Note 8)
85
85
min
Sinking, R
L = 100Ω
105
90
90
mA
85
85
max
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com