Electronic Components Datasheet Search
  English  ▼

X  

LM6171 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6171
Description  High Speed Low Power Low Distortion Voltage Feedback Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6171 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM6171 Datasheet HTML 8Page - National Semiconductor (TI) LM6171 Datasheet HTML 9Page - National Semiconductor (TI) LM6171 Datasheet HTML 10Page - National Semiconductor (TI) LM6171 Datasheet HTML 11Page - National Semiconductor (TI) LM6171 Datasheet HTML 12Page - National Semiconductor (TI) LM6171 Datasheet HTML 13Page - National Semiconductor (TI) LM6171 Datasheet HTML 14Page - National Semiconductor (TI) LM6171 Datasheet HTML 15Page - National Semiconductor (TI) LM6171 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Typical Performance Characteristics Unless otherwise noted, T
A = 25˚C (Continued)
LM6171 Simplified Schematic
Application Information
LM6171 Performance Discussion
The LM6171 is a high speed, unity-gain stable voltage feed-
back amplifier. It consumes only 2.5 mA supply current while
providing a gain-bandwidth product of 100 MHz and a slew
rate of 3600V/µs. It also has other great features such as low
differential gain and phase and high output current. The
LM6171 is a good choice in high speed circuits.
The LM6171 is a true voltage feedback amplifier. Unlike cur-
rent feedback amplifiers (CFAs) with a low inverting input im-
pedance and a high non-inverting input impedance, both in-
puts of voltage feedback amplifiers (VFAs) have high
impedance nodes. The low impedance inverting input in
CFAs will couple with feedback capacitor and cause oscilla-
tion. As a result, CFAs cannot be used in traditional op amp
circuits such as photodiode amplifiers, I-to-V converters and
integrators.
LM6171 Circuit Operation
The class AB input stage in LM6171 is fully symmetrical and
has a similar slewing characteristic to the current feedback
amplifiers. In the LM6171 Simplfied Schematic, Q1 through
Q4 form the equivalent of the current feedback input buffer,
R
E the equivalent of the feedback resistor, and stage A buff-
ers the inverting input. The triple-buffered output stage iso-
lates the gain stage from the load to provide low output im-
pedance.
LM6171 Slew Rate Characteristic
The slew rate of LM6171 is determined by the current avail-
able to charge and discharge an internal high impedance
node capacitor. The current is the differential input voltage
divided by the total degeneration resistor R
E. Therefore, the
Undistorted Output Swing
vs Frequency
DS012336-71
Undistorted Output Swing
vs Frequency
DS012336-72
Total Power
Dissipation vs
Ambient Temperature
DS012336-73
DS012336-10
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com