Electronic Components Datasheet Search
  English  ▼

X  

LM6171 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6171
Description  High Speed Low Power Low Distortion Voltage Feedback Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6171 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM6171 Datasheet HTML 2Page - National Semiconductor (TI) LM6171 Datasheet HTML 3Page - National Semiconductor (TI) LM6171 Datasheet HTML 4Page - National Semiconductor (TI) LM6171 Datasheet HTML 5Page - National Semiconductor (TI) LM6171 Datasheet HTML 6Page - National Semiconductor (TI) LM6171 Datasheet HTML 7Page - National Semiconductor (TI) LM6171 Datasheet HTML 8Page - National Semiconductor (TI) LM6171 Datasheet HTML 9Page - National Semiconductor (TI) LM6171 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
±5V AC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = +5V, V− = −5V, V
CM = 0V, and RL = 1kΩ. Boldface
limits apply at the temperature extremes
Typ
LM6171AI
LM6171BI
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
A
V = −2
A
D
Differential Gain (Note 10)
0.04
%
φ
D
Differential Phase (Note 10)
0.7
deg
e
n
Input-Referred
f = 1 kHz
11
Voltage Noise
i
n
Input-Referred
f = 1 kHz
1
Current Noise
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5 k
Ω in series with 100 pF.
Note 3: Continuous short circuit operation at elevated ambient temperature can result in exceeding the maximum allowed junction temperature of 150˚C.
Note 4: The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD =
(TJ(max) −TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 5: Typical Values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: Large signal voltage gain is the total output swing divided by the input signal required to produce that swing. For VS = ±15V, VOUT = ±5V. For VS = +5V,
VOUT = ±1V.
Note 8: The open loop output current is the output swing with the 100
Ω load resistor divided by that resistor.
Note 9: Slew rate is the average of the rising and falling slew rates.
Note 10: Differential gain and phase are measured with AV = +2, VIN = 1VPP at 3.58 MHz and both input and output 75Ω terminated.
Note 11: Differential input voltage is measured at VS = ±15V.
Typical Performance Characteristics Unless otherwise noted, T
A = 25˚C
Supply Current vs
Supply Voltage
DS012336-20
Supply Current vs
Temperature
DS012336-21
Input Offset Voltage vs
Temperature
DS012336-22
Input Bias Current
vs Temperature
DS012336-23
Input Offset Voltage vs
Common Mode Voltage
DS012336-24
Short Circuit Current
vs Temperature (Sourcing)
DS012336-25
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com