Electronic Components Datasheet Search
  English  ▼

X  

LM6171 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6171
Description  High Speed Low Power Low Distortion Voltage Feedback Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6171 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM6171 Datasheet HTML 1Page - National Semiconductor (TI) LM6171 Datasheet HTML 2Page - National Semiconductor (TI) LM6171 Datasheet HTML 3Page - National Semiconductor (TI) LM6171 Datasheet HTML 4Page - National Semiconductor (TI) LM6171 Datasheet HTML 5Page - National Semiconductor (TI) LM6171 Datasheet HTML 6Page - National Semiconductor (TI) LM6171 Datasheet HTML 7Page - National Semiconductor (TI) LM6171 Datasheet HTML 8Page - National Semiconductor (TI) LM6171 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
±5V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = +5V, V− = −5V, V
CM = 0V, and RL = 1kΩ. Boldface
limits apply at the temperature extremes
Typ
LM6171AI
LM6171BI
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
R
IN
Input Resistance
Common Mode
40
M
Ω
Differential Mode
4.9
R
O
Open Loop
14
Ω
Output Resistance
CMRR
Common Mode
V
CM = ±2.5V
105
80
75
dB
Rejection Ratio
75
70
min
PSRR
Power Supply
V
S = ±15V to ±5V
95
85
80
dB
Rejection Ratio
80
75
min
V
CM
Input Common-Mode
CMRR
≥ 60 dB
±3.7
V
Voltage Range
A
V
Large Signal Voltage
R
L = 1kΩ
84
75
75
dB
Gain (Note 7)
65
65
min
R
L = 100Ω
80
70
70
dB
60
60
min
V
O
Output Swing
R
L = 1kΩ
3.5
3.2
3.2
V
33
min
−3.4
−3.2
−3.2
V
−3
−3
max
R
L = 100Ω
3.2
2.8
2.8
V
2.5
2.5
min
−3.0
−2.8
−2.8
V
−2.5
−2.5
max
Continuous Output Current
Sourcing, R
L = 100Ω
32
28
28
mA
(Open Loop) (Note 8)
25
25
min
Sinking, R
L = 100Ω
30
28
28
mA
25
25
max
I
SC
Output Short
Sourcing
130
mA
Circuit Current
Sinking
100
mA
I
S
Supply Current
2.3
3
3
mA
3.5
3.5
max
±5V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = +5V, V− = −5V, V
CM = 0V, and RL = 1kΩ. Boldface
limits apply at the temperature extremes
Typ
LM6171AI
LM6171BI
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
SR
Slew Rate (Note 9)
A
V = +2, VIN = 3.5 VPP
750
V/µs
GBW
Unity Gain-Bandwidth
70
MHz
Product
−3 dB Frequency
A
V = +1
130
MHz
A
V = +2
45
φm
Phase Margin
57
deg
t
s
Settling Time (0.1%)A
V = −1, VOUT = +1V,
60
ns
R
L = 500Ω
Propagation Delay
V
IN = ±1V, RL = 500Ω,8
ns
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com