Electronic Components Datasheet Search
  English  ▼

X  

LM6181 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6181
Description  100 mA, 100 MHz Current Feedback Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6181 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM6181 Datasheet HTML 1Page - National Semiconductor (TI) LM6181 Datasheet HTML 2Page - National Semiconductor (TI) LM6181 Datasheet HTML 3Page - National Semiconductor (TI) LM6181 Datasheet HTML 4Page - National Semiconductor (TI) LM6181 Datasheet HTML 5Page - National Semiconductor (TI) LM6181 Datasheet HTML 6Page - National Semiconductor (TI) LM6181 Datasheet HTML 7Page - National Semiconductor (TI) LM6181 Datasheet HTML 8Page - National Semiconductor (TI) LM6181 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
±15V DC Electrical Characteristics (Continued)
The following specifications apply for Supply Voltage = ±15V, R
F = 820Ω, and RL = 1kΩ unless otherwise noted. Boldface
limits apply at the temperature extremes; all other limits T
J = 25˚C.
Symbol
Parameter
Conditions
LM6181AM
LM6181AI
LM6181I
Units
Typical
Limit
Typical
Limit
Typical
Limit
(Note 4)
(Note 5)
(Note 4)
(Note 5)
(Note 4)
(Note 5)
ZT
Transimpedance
RL = 1kΩ
1.8
1.0
1.8
1.0
1.8
0.8
0.5
0.5
0.4
M
Ω
RL = 100Ω
1.4
0.8
1.4
0.8
1.4
0.7
min
0.4
0.4
0.35
IS
Supply Current
No Load, VO = 0V
7.5
10
7.5
10
7.5
10
mA
10
10
10
max
VCM
Input Common Mode
V
+ − 1.7V
V
+ − 1.7V
V
+ − 1.7V
V
Voltage Range
V
− + 1.7V
V
− + 1.7V
V
− + 1.7V
±15V AC Electrical Characteristics
The following specifications apply for Supply Voltage = ±15V, R
F = 820Ω,RL = 1kΩ unless otherwise noted. Boldface limits
apply at the temperature extremes; all other limits T
J = 25˚C.
Symbol
Parameter
Conditions
LM6181AM
LM6181AI
LM6181I
Units
Typical
Limit
Typical
Limit
Typical
Limit
(Note 4)
(Note 5)
(Note 4)
(Note 5)
(Note 4)
(Note 5)
BW
Closed Loop Bandwidth
AV = +2
100
100
100
MHz
min
−3 dB
AV = +10
80
80
80
AV = −1
100
80
100
80
100
80
AV = −10
60
60
60
PBW
Power Bandwidth
AV = −1, VO = 5VPP
60
60
60
SR
Slew Rate
Overdriven
2000
2000
2000
V/µs
min
AV = −1, VO = ±10V,
1400
1000
1400
1000
1400
1000
RL = 150Ω (Note 6)
ts
Settling Time (0.1%)AV = −1, VO = ±5V
50
50
50
ns
RL = 150Ω
tr,tf
Rise and Fall Time
VO = 1VPP
555
tp
Propagation Delay Time
VO = 1VPP
666
in(+)
Non-Inverting Input Noise
f = 1 kHz
3
3
3
Current Density
in(−)
Inverting Input Noise
f = 1 kHz
16
16
16
Current Density
en
Input Noise Voltage
Density
f = 1 kHz
4
4
4
Second Harmonic Distortion
2 VPP, 10 MHz
−50
−50
−50
dBc
Third Harmonic Distortion
2 VPP, 10 MHz
−55
−55
−50
Differential Gain
RL = 150Ω
AV = +2
0.05
0.05
0.05
%
NTSC
Differential Phase
RL = 150Ω
AV = +2
0.04
0.04
0.04
Deg
NTSC
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com