Electronic Components Datasheet Search
  English  ▼

X  

LM6181 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6181
Description  100 mA, 100 MHz Current Feedback Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6181 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM6181 Datasheet HTML 1Page - National Semiconductor (TI) LM6181 Datasheet HTML 2Page - National Semiconductor (TI) LM6181 Datasheet HTML 3Page - National Semiconductor (TI) LM6181 Datasheet HTML 4Page - National Semiconductor (TI) LM6181 Datasheet HTML 5Page - National Semiconductor (TI) LM6181 Datasheet HTML 6Page - National Semiconductor (TI) LM6181 Datasheet HTML 7Page - National Semiconductor (TI) LM6181 Datasheet HTML 8Page - National Semiconductor (TI) LM6181 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
±5V DC Electrical Characteristics
The following specifications apply for Supply Voltage = ±5V, R
F = 820Ω, and RL = 1kΩ unless otherwise noted. Boldface
limits apply at the temperature extremes; all other limits T
J = 25˚C.
Symbol
Parameter
Conditions
LM6181AM
LM6181AI
LM6181I
Units
Typical
Limit
Typical
Limit
Typical
Limit
(Note 4)
(Note 5)
(Note 4)
(Note 5)
(Note 4)
(Note 5)
VOS
Input Offset Voltage
1.0
2.0
1.0
2.0
1.0
3.0
mV
3.0
2.5
3.5
max
TC
VOS
Input Offset Voltage Drift
2.5
2.5
2.5
µV/˚C
IB
Inverting Input
5.0
10
5.0
10
5.0
17.5
µA
max
Bias Current
22
22
27.0
Non-Inverting Input
0.25
1.5
0.25
1.5
0.25
3.0
Bias Current
1.5
1.5
5.0
TC IB
Inverting Input Bias
50
50
50
nA/˚C
Current Drift
Non-Inverting Input
3.0
3.0
3.0
Bias Current Drift
IB
Inverting Input Bias Current
VS = ±4.0V, ±6.0V
0.3
0.5
0.3
0.5
0.3
1.0
µA/V
max
PSR
Power Supply Rejection
0.5
0.5
1.0
Non-Inverting Input
VS = ±4.0V, ±6.0V
0.05
0.5
0.05
0.5
0.05
0.5
Bias Current
Power Supply Rejection
0.5
0.5
0.5
IB
Inverting Input Bias Current
−2.5V
≤ V
CM ≤ +2.5V
0.3
0.5
0.3
0.5
0.3
1.0
CMR
Common Mode Rejection
1.0
1.0
1.5
Non-Inverting Input
−2.5V
≤ V
CM ≤ +2.5V
0.12
0.5
0.12
0.5
0.12
0.5
Bias Current
Common Mode Rejection
1.0
0.5
0.5
CMRR
Common Mode
−2.5V
≤ V
CM ≤ +2.5V
57
50
57
50
57
50
dB
min
Rejection Ratio
47
47
47
PSRR
Power Supply
VS = ±4.0V, ±6.0V
80
70
80
70
80
64
Rejection Ratio
70
70
64
RO
Output Resistance
AV = −1, f = 300 kHz
0.25
0.25
0.25
Ω
RIN
Non-Inverting
8
8
8
M
Ω
Input Resistance
min
VO
Output Voltage Swing
RL = 1kΩ
2.6
2.25
2.6
2.25
2.6
2.25
V
min
2.2
2.25
2.25
RL = 100Ω
2.2
2.0
2.2
2.0
2.2
2.0
2.0
2.0
2.0
ISC
Output Short
100
75
100
75
100
75
mA
Circuit Current
70
70
70
min
ZT
Transimpedance
RL = 1kΩ
1.4
0.75
1.4
0.75
1.0
0.6
0.35
0.4
0.3
M
Ω
RL = 100Ω
1.0
0.5
1.0
0.5
1.0
0.4
min
0.25
0.25
0.2
IS
Supply Current
No Load, VO = 0V
6.5
8.5
6.5
8.5
6.5
8.5
mA
8.5
8.5
8.5
max
VCM
Input Common Mode
V
+ − 1.7V
V
+ − 1.7V
V
+ − 1.7V
V
Voltage Range
V
− + 1.7V
V
− + 1.7V
V
− + 1.7V
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com