Electronic Components Datasheet Search
  English  ▼

X  

LM6181 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6181
Description  100 mA, 100 MHz Current Feedback Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6181 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM6181 Datasheet HTML 1Page - National Semiconductor (TI) LM6181 Datasheet HTML 2Page - National Semiconductor (TI) LM6181 Datasheet HTML 3Page - National Semiconductor (TI) LM6181 Datasheet HTML 4Page - National Semiconductor (TI) LM6181 Datasheet HTML 5Page - National Semiconductor (TI) LM6181 Datasheet HTML 6Page - National Semiconductor (TI) LM6181 Datasheet HTML 7Page - National Semiconductor (TI) LM6181 Datasheet HTML 8Page - National Semiconductor (TI) LM6181 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM6181
100 mA, 100 MHz Current Feedback Amplifier
General Description
The LM6181 current-feedback amplifier offers an unparal-
leled combination of bandwidth, slew-rate, and output cur-
rent. The amplifier can directly drive up to 100 pF capacitive
loads without oscillating and a 10V signal into a 50
Ω or 75Ω
back-terminated coax cable system over the full industrial
temperature range. This represents a radical enhancement
in output drive capability for an 8-pin DIP high-speed ampli-
fier making it ideal for video applications.
Built on National’s advanced high-speed VIP™ II (Vertically
Integrated PNP) process, the LM6181 employs current-
feedback providing bandwidth that does not vary dramati-
cally with gain; 100 MHz at A
V = −1, 60 MHz at AV = −10.
With a slew rate of 2000V/µs, 2nd harmonic distortion of −50
dBc at 10 MHz and settling time of 50 ns (0.1%) the LM6181
dynamic performance makes it ideal for data acquisition,
high speed ATE, and precision pulse amplifier applications.
Features
(Typical unless otherwise noted)
n Slew rate:
2000 V/µs
n Settling time (0.1%):
50 ns
n Characterized for supply ranges:
±5V and ±15V
n Low differential gain and phase error:
0.05%, 0.04˚
n High output drive:
±10V into 100
Ω
n Guaranteed bandwidth and slew rate
n Improved performance over EL2020, OP160, AD844,
LT1223 and HA5004
Applications
n Coax cable driver
n Video amplifier
n Flash ADC buffer
n High frequency filter
n Scanner and Imaging systems
Typical Application
VIP™ is a registered trademark of National Semiconductor Corporation.
DS011328-1
Cable Driver
DS011328-2
May 1998
© 1999 National Semiconductor Corporation
DS011328
www.national.com


Similar Part No. - LM6181

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6181 TI1-LM6181 Datasheet
2Mb / 40P
LM6181 100 mA, 100 MHz Current Feedback Amplifier
LM6181IM-8 TI1-LM6181IM-8 Datasheet
2Mb / 40P
LM6181 100 mA, 100 MHz Current Feedback Amplifier
LM6181IM-8/NOPB TI1-LM6181IM-8/NOPB Datasheet
2Mb / 40P
LM6181 100 mA, 100 MHz Current Feedback Amplifier
LM6181IMX-8 TI1-LM6181IMX-8 Datasheet
2Mb / 40P
LM6181 100 mA, 100 MHz Current Feedback Amplifier
LM6181IMX-8/NOPB TI1-LM6181IMX-8/NOPB Datasheet
2Mb / 40P
LM6181 100 mA, 100 MHz Current Feedback Amplifier
More results

Similar Description - LM6181

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6182 NSC-LM6182 Datasheet
1Mb / 24P
Dual 100 mA Output, 100 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011 AD-AD8011 Datasheet
219Kb / 16P
300 MHz, 1 mA Current Feedback Amplifier
REV.B
logo
Elantec Semiconductor
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
100 MHz Current Feedback Amplifier
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
120 MHz Current Feedback Amplifier
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
50 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
300 MHz Current Feedback Amplifier
REV. C
logo
Texas Instruments
LM6181IM-8 TI1-LM6181IM-8 Datasheet
2Mb / 40P
LM6181 100 mA, 100 MHz Current Feedback Amplifier
logo
Analog Devices
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
270 MHz, 400 mA Current Feedback Amplifier
REV. A
logo
Texas Instruments
LM6181IMX-8 TI1-LM6181IMX-8 Datasheet
2Mb / 40P
LM6181 100 mA, 100 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com