Electronic Components Datasheet Search
  English  ▼

X  

LM6181 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6181
Description  100 mA, 100 MHz Current Feedback Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6181 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM6181 Datasheet HTML 13Page - National Semiconductor (TI) LM6181 Datasheet HTML 14Page - National Semiconductor (TI) LM6181 Datasheet HTML 15Page - National Semiconductor (TI) LM6181 Datasheet HTML 16Page - National Semiconductor (TI) LM6181 Datasheet HTML 17Page - National Semiconductor (TI) LM6181 Datasheet HTML 18Page - National Semiconductor (TI) LM6181 Datasheet HTML 19Page - National Semiconductor (TI) LM6181 Datasheet HTML 20Page - National Semiconductor (TI) LM6181 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Typical Applications (Continued)
SLEW RATE CONSIDERATIONS
The slew rate characteristics of current feedback amplifiers
are different than traditional voltage feedback amplifiers. In
voltage feedback amplifiers slew rate limiting or non-linear
amplifier behavior is dominated by the finite availability of the
1st stage tail current charging the compensation capacitor.
The slew rate of current feedback amplifiers, in contrast, is
not constant. Transient current at the inverting input deter-
mines slew rate for both inverting and non-inverting gains.
The non-inverting configuration slew rate is also determined
by input stage limitations. Accordingly, variations of slew
rates occur for different circuit topologies.
DRIVING CAPACITIVE LOADS
The LM6181 can drive significantly larger capacitive loads
than many current feedback amplifiers. Although the
LM6181 can directly drive as much as 100 pF without oscil-
lating, the resulting response will be a function of the feed-
back resistor value.
Figure 5 illustrates the small-signal
pulse response of the LM6181 while driving a 50 pF load.
Ringing persists for approximately 70 ns. To achieve pulse
responses with less ringing either the feedback resistor can
be increased (see typical curves Suggested R
f and Rs for
C
L), or resistive isolation can be used (10Ω–51Ω typically
works well). Either technique, however, results in lowering
the system bandwidth.
Figure 6 illustrates the improvement obtained with using a
47
Ω isolation resistor.
DS011328-15
3a: R
f = 820Ω
DS011328-16
3b: R
f = 1640Ω
FIGURE 3. Increasing Compensation
with Increasing R
f
DS011328-17
FIGURE 4. Reducing R
f for Large
Closed Loop Gains, R
f = 500Ω
DS011328-18
5a
DS011328-19
5b
FIGURE 5. A
V = −1, LM6181 Can Directly
Drive 50 pF of Load Capacitance with 70 ns
of Ringing Resulting in Pulse Response
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com