Electronic Components Datasheet Search
  English  ▼

X  

2-5000 Datasheet(PDF) 2 Page - ETAL Group

Part # 2-5000
Description  Voltage rating AC 250 V; DC 28 V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

2-5000 Datasheet(HTML) 2 Page - ETAL Group

  2-5000 Datasheet HTML 1Page - ETAL Group 2-5000 Datasheet HTML 2Page - ETAL Group 2-5000 Datasheet HTML 3Page - ETAL Group 2-5000 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Thermal Overcurrent Circuit Breakers 2-5000/2-5700-...
Thermal Overcurrent Circuit Breakers 2-5000/2-5700-...
www.e-t-a.de
1629
2
1
mounting area
operating area
mounting area
2-5700-P10
2-5000-P10
A
14
32
14
32
A
1
1
operating area
.039
.039
iG1=ø9.6-0.1
iG2=ø12.2-0.1
blade terminal
DIN 46244-A6.3-0.8
(QC .250)
ø6.5
5
SW 14
D-shaped threadneckcurrent rating in A for standard
(-DD version without push button marking)
A
14
32
iG1=3/8-27UNS-2A tightening torque max. 1 Nm
3/8
iG2=M12x1 tightening torque max. 1.5 Nm
19.8
29
14.5
.780
1.14
.551
.256
.571
mounting hole
iG1=.378-.004
iG2=.480-.004
current rating in A
5
40
50
A
14
32
ø9.5
19.8
31
ø13.5
14.5
blade terminal DIN 46244-A6.3-0.8
(QC .250)
.374
.780
1.22
1.57
1.97
.531
.571
2-5700-P10
2-5000-P10
14
32
flat head screw M4x6 ISO1580
tightening torque 1.2 Nm
-K10
Dimensions
Terminal design
Installation drawings
This is a metric design and millimeter dimensions take precedence ( mm )
inch
Standard current ratings and typical internal resistance values
Current
rating (A)
Internal
resistance (Ω)
Current
rating (A)
Internal
resistance (Ω)
0.05
280
3
0.1
0.08
100
3.5
0.06
0.1
110
4
0.06
0.2
29
4.5
0.05
0.3
14
5
0.05
0.4
7
6
0.02
0.5
4.9
7
0.02
0.6
3.4
8
0.02
0.7
2.5
10
< 0.02
0.8
1.8
12
< 0.02
1
1.2
13
< 0.02
1.2
0.8
15
< 0.02
1.5
0.6
16
< 0.02
1.8
0.4
20
< 0.02
2
0.3
22
< 0.02
2.5
0.2
25
< 0.02



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com