Electronic Components Datasheet Search
  English  ▼

X  

2-5000 Datasheet(PDF) 3 Page - ETAL Group

Part # 2-5000
Description  Voltage rating AC 250 V; DC 28 V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

2-5000 Datasheet(HTML) 3 Page - ETAL Group

  2-5000 Datasheet HTML 1Page - ETAL Group 2-5000 Datasheet HTML 2Page - ETAL Group 2-5000 Datasheet HTML 3Page - ETAL Group 2-5000 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Thermal Overcurrent Circuit Breakers 2-5000/2-5700-...
www.e-t-a.de
1629
3
1
Thermal Overcurrent Circuit Breakers 2-5000/2-5700-...
The time/current characteristic curve depends on the ambient temperature
prevailing. In order to eliminate nuisance tripping, please multiply the
circuit breaker current ratings by the derating factor shown below. See also
section Technical information.
Ambient temperature °F
°C
-4
-20
+14
-10
+32
0
+73.4
+23
+104
+40
+122
+50
+140
+60
Derating factor
0.76 0.84
0.92
1
1.08
1.16
1.24
1
2
Internal connection diagrams
Typical time/current characteristics at +23 °C/+73.4 °F
12
46 8102040
... times rated current
0.05 - 2.7 A
2.8 - 23 A
10000
1000
100
10
1
0.1
25 A
This is a metric design and millimeter dimensions take precedence ( mm )
inch



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com