Electronic Components Datasheet Search
  English  ▼

X  

2-5000 Datasheet(PDF) 1 Page - ETAL Group

Part # 2-5000
Description  Voltage rating AC 250 V; DC 28 V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

2-5000 Datasheet(HTML) 1 Page - ETAL Group

  2-5000 Datasheet HTML 1Page - ETAL Group 2-5000 Datasheet HTML 2Page - ETAL Group 2-5000 Datasheet HTML 3Page - ETAL Group 2-5000 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Thermal Overcurrent Circuit Breakers 2-5000/2-5700-...
www.e-t-a.de
1629
1
1
Description
Typical applications
Ordering information
Preferred types
Technical data
Single pole thermal circuit breaker with press-to-reset, tease-free,
trip-free, snap action mechanism. Type 2-5000 is available with optional
manual release (-H), type 2-5700 can be supplied as a push-push
switch/circuit breaker (R-type TO CBE to EN 60934 in press-to-reset
configuration; M-type when fitted with manual release -H; S-type
with push-push operation). Fitted with flange or threadneck for panel
mounting. Options include an additional unprotected circuit tap (-A3).
Approved to CBE standard EN 60934 (IEC 60934).
Motors, transformers, solenoids, battery chargers, power supplies,
appliances, machinery, extra low voltage systems.
2-5000-...
2-5700-...
Type No.
2-5000 flange mounting
2-5700 threadneck panel mounting
Threadneck design – type 2-5700 only
iG1
moulded threadneck 3/8“-27UNS-2A with metal hexnut and
plastic knurled nut (hardware bulk shipped with 5 pcs plus)
iG2
moulded threadneck M12x1 with metal hexnut and plastic
knurled nut (hardware bulk shipped with 5 pcs plus)
Terminal design
P10 blade terminals 6.3-0.8 mm (QC .250)
K10 screw terminals M4x6
Manual release (optional)
H
manual release facility (type 2-5000 only)
DD
push to release/push to reset (type 2-5700 only)
Current ratings
0.05...25 A
2-5700 - iG1 - P10 - DD - 8 A
ordering example
The exact part number required can be built up from the table of choices shown
above. Ordering references for optional features should be omitted if not required.
Approvals
For further details please see chapter: Technical Information
Voltage rating
AC 250 V; DC 28 V
(UL: AC 250 V; DC 50 V)
Current rating range
0.05...25 A
Typical life
AC 250 V / DC 28 V:
0.05...16 A 5,000 operations at 2 x IN, inductive
17...25 A
5,000 operations at 2 x IN, resistive
Ambient temperature
-20...+60 °C (-4...+140 °F)
Insulation co-ordination
rated impulse
pollution
(IEC 60664 and 60664 A)
withstand voltage
degree
2.5 kV
2
reinforced insulation in operating area
Dielectric strength
(IEC 60664 and 60664A)
test voltage
operating area
AC 3,000 V
Insulation resistance
> 100 MΩ (DC 500 V)
Interrupting capacity Icn
0.05...2.5 A
8 x IN
3...5 A
20 x IN
6...12 A
200 A
(higher interrupting capacity
available to special order)
13...25 A
300 A
Interrupting capacity
IN
UN
(UL 1077)
0.05...20 A
AC 250 V
2,000 A
0.05...25 A
DC 50 V
2,500 A
(higher values upon request)
Degree of protection
operating area IP40
(IEC 60529/DIN 40050)
terminal area IP00
Vibration
8 g (57-500 Hz) ± 0.61 mm (10-57 Hz),
to IEC 60068-2-6, test Fc,
10 frequency cycles/axis
Shock
25 g (11 ms)
to IEC 60068-2-27, test Ea
Corrosion
96 hours at 5 % salt mist,
to IEC 60068-2-11, test Ka
Humidity
240 hours at 95 % RH
to IEC 60068-2-78, test Cab
Mass
approx. 29 g
Preferred types
Standard current ratings (A)
1 2 3 4 5 6 8 10 12 15 16 20 25
2-5700-IG1-P10-
x
x
x
x
x
x
x
x
x
x
x
x
x
2-5700-IG1-P10-DD
x
x
x
x
x
x
x
x
x
x
x
2-5700-IG2-P10-
x
x
x
x
x
x
x
x
x
x
x
2-5700-IG2-P10-DD
x
x
x
x
x
x
x
x
x
x
x
Authority Standard
Rated voltage
Current ratings
VDE
IEC/EN 60934 AC 250 V
DC 28 V
0.05 A…25 A
0.05 A…25 A
UL
UL 1077
AC 250 V
DC 50 V
0.05 A…20 A
0.05 A…25 A
CSA
C22.2 No 235
AC 250 V
DC 50 V
0.05 A…20 A
0.05 A…25 A
CQC
GB 17701
AC 250 V
DC 28 V
0.05 A…25 A
0.05 A…25 A


Similar Part No. - 2-5000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2-500L ETC2-2-500L Datasheet
48Kb / 2P
CHEMTRONICS Technical Data Sheet Chem-Wik Rosin
logo
Chemtronics. All rights...
2-500L CHEMTRONICS-2-500L Datasheet
36Kb / 2P
Chem-Wik® Rosin
REV. D 08/13
More results

Similar Description - 2-5000

ManufacturerPart #DatasheetDescription
logo
ETAL Group
E-1072-220 ETAL-E-1072-220 Datasheet
206Kb / 4P
Voltage rating DC 24 V (19.2...36 V)
logo
Mallory Sonalert Produc...
SC250DPR MSPI-SC250DPR Datasheet
52Kb / 1P
Voltage Rating 60 to 250 VAC/DC
SC250ER MSPI-SC250ER Datasheet
52Kb / 1P
Voltage Rating 60 to 250 VAC/DC
SC250FJR MSPI-SC250FJR Datasheet
52Kb / 1P
Voltage Rating 60 to 250 VAC/DC
SC250FKR MSPI-SC250FKR Datasheet
89Kb / 1P
Voltage Rating 60 to 250 VAC/DC
SC250FPR MSPI-SC250FPR Datasheet
52Kb / 1P
Voltage Rating 60 to 250 VAC/DC
SC250HJR MSPI-SC250HJR Datasheet
52Kb / 1P
Voltage Rating 60 to 250 VAC/DC
JR28-RG-4MDP315 MSPI-JR28-RG-4MDP315 Datasheet
171Kb / 1P
Voltage Rating 20 to 28 VAC/DC
SC628MA MSPI-SC628MA Datasheet
34Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SCH250R MSPI-SCH250R Datasheet
56Kb / 1P
Voltage Rating 60 to 250 VAC/DC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com