Electronic Components Datasheet Search
  English  ▼

X  

2-5000 Datasheet(PDF) 4 Page - ETAL Group

Part # 2-5000
Description  Voltage rating AC 250 V; DC 28 V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

2-5000 Datasheet(HTML) 4 Page - ETAL Group

  2-5000 Datasheet HTML 1Page - ETAL Group 2-5000 Datasheet HTML 2Page - ETAL Group 2-5000 Datasheet HTML 3Page - ETAL Group 2-5000 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Thermal Overcurrent Circuit Breakers 2-5000/2-5700-...
www.e-t-a.de
1629
4
1
Accessories for type 2-5700-...
2.5
.551
.098
Knurled nut
Y 302 065 01
Hex nut
Y 300 116 02
Hex nut with splash cover, black
X 200 801 03 with O ring
(IP66 and IP67)
Hex nut with splash cover,
transparent
X 200 801 08 with O ring
(IP66 and IP67)
M12x1
ø17
M12x1
3.2
0.5 x 45°
3/8-27 UNS-2B
With 3/8" threadneck (-iG1)
Water splash cover,
transparent with
special knurled nut
X 200 798 02 (IP64)
Hex nut with splash
cover black without O ring
X 210 739 01 (IP64)
M12x1
M12x1
Separate hardware
Hex nut
Y 300 192 01
Knurled nut 3/8", plastic
Y 307 117 02
With M12 threadneck (-iG2)
2.5
3
Water splash cover,
transparent with knurled nut
and O ring
X 210 663 01 (IP64)
SW14
SW14
Water splash cover, transparent Y 300 538 01 and
knurled nut Y 300 628 01
X 200 799 01 (IP64)
ø15
.551
.098
.118
.591
.669
.020 x 45°
.126
3/8-27 UNS-2B
3/8-27 UNS-2B
3/8-27 UNS-2B
3/8-27 UNS-2B
Accessories for types 2-5000 and 2-5700 with screw terminals -K10
X
60°
X
18
7
162
176
.709
.276
6.93
6.38
Bus bar
Y 303 563 01
Accessories for type 2-5000-...
E - T - A
12.5
ø12
29
ø6
1.14
.236
.492
.472
14.5
31.5
4.5
40
18
50
50
40
.177
.571
.709
1.24
1.57
1.57
1.97
1.97
Water splash cover, transparent
for push button (IP64)
Y 300 728 01
Fixing plate
Y 301 056 02
Rear terminal shroud, transparent (IP64)
Y 300 476 01
This is a metric design and millimeter dimensions take precedence ( mm )
inch
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications
without notice is reserved.Product markings may not be exactly as the ordering codes.
Errors and omissions excepted.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com