Electronic Components Datasheet Search
  English  ▼

X  

LP5912 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912
Description  500-mA Low-Noise, Low-IQ LDO
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5912 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP5912 Datasheet HTML 14Page - Texas Instruments LP5912 Datasheet HTML 15Page - Texas Instruments LP5912 Datasheet HTML 16Page - Texas Instruments LP5912 Datasheet HTML 17Page - Texas Instruments LP5912 Datasheet HTML 18Page - Texas Instruments LP5912 Datasheet HTML 19Page - Texas Instruments LP5912 Datasheet HTML 20Page - Texas Instruments LP5912 Datasheet HTML 21Page - Texas Instruments LP5912 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
18
LP5912
SNVSA77D – DECEMBER 2015 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LP5912
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Feature Description (continued)
8.3.2 Output Automatic Discharge (RAD)
The LP5912 output employs an internal 100-
Ω (typical) pulldown resistance to discharge the output when the EN
pin is low. Note that if the LP5912 EN pin is low (the device is OFF) and the OUT pin is held high by a secondary
supply, current flows from the secondary supply through the automatic discharge pulldown resistor to ground.
8.3.3 Reverse Current Protection (IRO)
The LP5912 input is protected against reverse current when output voltage is higher than the input. In the event
that extra output capacitance is used at the output, a power-down transient at the input would normally cause a
large reverse current through a conventional regulator. The LP5912 includes a reverse voltage detector that trips
when VIN drops below VOUT, shutting off the regulator and opening the PMOS body diode connection, preventing
any reverse current from the OUT pin from flowing to the IN pin.
If the LP5912 EN pin is low (the LP5912 is OFF) and the OUT pin is held high by a secondary supply, current
flows from the secondary supply through the automatic discharge pulldown resistor to ground. This is not reverse
current, this is automatic discharge pulldown current.
Note that reverse current (IRO) is measured at the IN pin.
8.3.4 Internal Current Limit (ISC)
The internal current limit circuit is used to protect the LDO against high-load current faults or shorting events. The
LDO is not designed to operate continuously at the ISC current limit. During a current-limit event, the LDO
sources constant current. Therefore, the output voltage falls when load impedance decreases. Note also that if a
current limit occurs and the resulting output voltage is low, excessive power may be dissipated across the LDO,
resulting in a thermal shutdown of the output.
8.3.5 Thermal Overload Protection (TSD)
Thermal shutdown disables the output when the junction temperature rises to approximately 160°C, which allows
the device to cool. When the junction temperature cools to approximately 145°C, the output circuitry enables.
Based on power dissipation, thermal resistance, and ambient temperature, the thermal protection circuit may
cycle on and off. This thermal cycling limits the dissipation of the regulator and protects it from damage as a
result of overheating.
8.3.6 Power-Good Output (PG)
The LP5912 device has a power-good function that works by toggling the state of the PG output pin. When the
output voltage falls below the PG threshold voltage (PGLTH), the PG pin open-drain output engages (low
impedance to GND). When the output voltage rises above the PG threshold voltage (PGVHTH), the PG pin
becomes high impedance. By connecting a pullup resistor to an external supply, any downstream device can
receive PG as a logic signal. Make sure that the external pullup supply voltage results in a valid logic signal for
the receiving device or devices. Use a pullup resistor from 10 k
Ω to 100 kΩ for best results.
The input supply, VIN, must be no less than the minimum operating voltage of 1.6 V to ensure that the PG pin
output status is valid. The PG pin output status is undefined when VIN is less than 1.6 V.
In power-good function, the PG output pin being pulled high is typically delayed 140 µs after the output voltage
rises above the PGHTH threshold voltage. If the output voltage rises above the PGHTH threshold and then falls
below the PGLTH threshold voltage the PG pin falls immediately with no delay time.
If the PG function is not needed, the pullup resistor can be eliminated, and the PG pin can be either connected to
ground or left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com