Electronic Components Datasheet Search
  English  ▼

X  

LP5912 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912
Description  500-mA Low-Noise, Low-IQ LDO
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5912 Datasheet(HTML) 1 Page - Texas Instruments

  LP5912 Datasheet HTML 1Page - Texas Instruments LP5912 Datasheet HTML 2Page - Texas Instruments LP5912 Datasheet HTML 3Page - Texas Instruments LP5912 Datasheet HTML 4Page - Texas Instruments LP5912 Datasheet HTML 5Page - Texas Instruments LP5912 Datasheet HTML 6Page - Texas Instruments LP5912 Datasheet HTML 7Page - Texas Instruments LP5912 Datasheet HTML 8Page - Texas Instruments LP5912 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
IN
OUT
GND
EN
PG
LP5912
VOUT
VIN
NC
CIN
COUT
RPG
VEN
VPG
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP5912
SNVSA77D – DECEMBER 2015 – REVISED NOVEMBER 2016
LP5912 500-mA Low-Noise, Low-IQ LDO
1
1 Features
1
•
Input Voltage Range: 1.6 V to 6.5 V
•
Output Voltage Range: 0.8 V to 5.5 V
•
Output Current up to 500 mA
•
Low Output-Voltage Noise: 12 µVRMS Typical
•
PSRR at 1 kHz: 75 dB Typical
•
Output Voltage Tolerance (VOUT ≥ 3.3 V): ±2%
•
Low IQ (Enabled, No Load): 30 µA Typical
•
Low Dropout (VOUT ≥ 3.3 V): 95 mV Typical at
500-mA Load
•
Stable With 1-µF Ceramic Input and Output
Capacitors
•
Thermal-Overload and Short-Circuit Protection
•
Reverse Current Protection
•
No Noise Bypass Capacitor Required
•
Output Automatic Discharge for Fast Turnoff
•
Power-Good Output With 140-µs Typical Delay
•
Internal Soft-Start to Limit the In-rush Current
•
–40°C to +125°C Operating Junction Temperature
Range
2 Applications
•
Camera Modules
•
Sensors
•
HiFi Audio Radio Transceivers
•
PLL/Synthesizer, Clocking
•
Medium-Current, Noise-Sensitive Applications
space
space
3 Description
The LP5912 is low-noise LDO that can supply up to
500 mA of output current. Designed to meet the
requirements of RF and analog circuits, the LP5912
device provides low noise, high PSRR, low quiescent
current, and low line and load transient response.
The LP5912 offers class-leading noise performance
without a noise bypass capacitor and with the ability
for remote output capacitance placement.
The device is designed to work with a 1-µF input and
a 1-µF output ceramic capacitor (no separate noise
bypass capacitor required).
This device is available with fixed output voltages
from 0.8 V to 5.5 V in 25-mV steps. Contact Texas
Instruments Sales for specific voltage option needs.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP5912
WSON (6)
2.00 mm × 2.00 mm
(1) For
all
available
packages,
see
the
Package
Option
Addendum (POA) at the end of this data sheet.
space
space
space
space
space
Simplified Schematic


Similar Part No. - LP5912

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912 TI1-LP5912 Datasheet
2Mb / 33P
LP5912 500-mA Ultra-Low-Noise LDO for RF and Analog Circuits ??Requires No Bypass Capacitor
LP5912 TI1-LP5912 Datasheet
2Mb / 33P
Automotive 500-mA Low-Noise, Low-IQ LDO
LP5912 TI1-LP5912 Datasheet
2Mb / 35P
500-mA Low-Noise, Low-IQ LDO
LP5912 TI-LP5912 Datasheet
3Mb / 33P
LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
SEPTEMBER 2022
LP5912 TI-LP5912 Datasheet
3Mb / 33P
LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
SEPTEMBER 2022
More results

Similar Description - LP5912

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912-Q1 TI1-LP5912-Q1_16 Datasheet
2Mb / 33P
Automotive 500-mA Low-Noise, Low-IQ LDO
LP5912-Q1 TI1-LP5912-Q1_17 Datasheet
2Mb / 33P
Automotive 500-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_17 Datasheet
1Mb / 29P
300-mA Low-Noise, Low-IQ LDO
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
300-mA Low-Noise, Low-IQ LDO
LP5912 TI1-LP5912_18 Datasheet
2Mb / 35P
500-mA Low-Noise, Low-IQ LDO
TPS7A21 TI-TPS7A21 Datasheet
4Mb / 33P
TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
TPS7A21 TI-TPS7A21_V01 Datasheet
4Mb / 34P
TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
LP5912-EP TI-LP5912-EP_V01 Datasheet
3Mb / 33P
LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
SEPTEMBER 2022
TPS7A21 TI1-TPS7A21_V02 Datasheet
4Mb / 33P
TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
REVISED SEPTEMBER 2022
LP5912-EP TI-LP5912-EP_V02 Datasheet
3Mb / 33P
LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
SEPTEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com