Electronic Components Datasheet Search
  English  ▼

X  

LP5912 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912
Description  500-mA Low-Noise, Low-IQ LDO
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5912 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP5912 Datasheet HTML 18Page - Texas Instruments LP5912 Datasheet HTML 19Page - Texas Instruments LP5912 Datasheet HTML 20Page - Texas Instruments LP5912 Datasheet HTML 21Page - Texas Instruments LP5912 Datasheet HTML 22Page - Texas Instruments LP5912 Datasheet HTML 23Page - Texas Instruments LP5912 Datasheet HTML 24Page - Texas Instruments LP5912 Datasheet HTML 25Page - Texas Instruments LP5912 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
22
LP5912
SNVSA77D – DECEMBER 2015 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LP5912
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
9.2.2.5 Remote Capacitor Operation
To ensure stability the LP5912 requires at least a 1-μF capacitor at the OUT pin. There is no strict requirement
about the location of the output capacitor in regards to the LDO OUT pin; the output capacitor may be located 5
to 10 cm away from the LDO. This means that there is no need to have a special capacitor close to the OUT pin
if there are already respective capacitors in the system. This placement flexibility requires that the output
capacitor be connected directly between the LP5912 OUT pin and GND pin with no vias. This remote capacitor
feature can help users to minimize the number of capacitors in the system.
As a good design practice, keep the wiring parasitic inductance at a minimum, which means using as wide as
possible traces from the LDO output to the capacitors, keeping the LDO output trace layer as close to ground
layer as possible, avoiding vias on the path. If there is a need to use vias, implement as many as possible vias
between the connection layers. Keeping parasitic wiring inductance less than 35 nH is recommended. For
applications with fast load transients use an input capacitor equal to, or larger than, the sum of the capacitance
at the output node for the best load-transient performance.
9.2.2.6 Power Dissipation
Knowing the device power dissipation and proper sizing of the thermal plane connected to the tab or pad is
critical to ensuring reliable operation. Device power dissipation depends on input voltage, output voltage, and
load conditions and can be calculated with Equation 1.
PD(MAX) = (VIN(MAX) – VOUT) × IOUT
(1)
Power dissipation can be minimized, and greater efficiency can be achieved, by using the lowest available
voltage drop option that is greater than the dropout voltage (VDO). However, keep in mind that higher voltage
drops result in better dynamic (that is, PSRR and transient) performance.
On the WSON (DRV) package, the primary conduction path for heat is through the exposed power pad into the
PCB. To ensure the device does not overheat, connect the exposed pad, through thermal vias, to an internal
ground plane with an appropriate amount of copper PCB area.
Power dissipation and junction temperature are most often related by the junction-to-ambient thermal resistance
(RθJA) of the combined PCB and device package and the temperature of the ambient air (TA), according to
Equation 2 or Equation 3:
TJ(MAX) = TA(MAX) + (RθJA × PD(MAX))
(2)
PD = (TJ(MAX) – TA(MAX)) / RθJA
(3)
Unfortunately, this RθJA is highly dependent on the heat-spreading capability of the particular PCB design, and
therefore varies according to the total copper area, copper weight, and location of the planes. The RθJA recorded
in Thermal Information is determined by the specific EIA/JEDEC JESD51-7 standard for PCB and copper-
spreading area, and is to be used only as a relative measure of package thermal performance. For a well-
designed thermal layout, RθJA is actually the sum of the package junction-to-case (bottom) thermal resistance
(RθJCbot) plus the thermal resistance contribution by the PCB copper area acting as a heat sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com