Electronic Components Datasheet Search
  English  ▼

X  

LP5912 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912
Description  500-mA Low-Noise, Low-IQ LDO
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5912 Datasheet(HTML) 5 Page - Texas Instruments

  LP5912 Datasheet HTML 1Page - Texas Instruments LP5912 Datasheet HTML 2Page - Texas Instruments LP5912 Datasheet HTML 3Page - Texas Instruments LP5912 Datasheet HTML 4Page - Texas Instruments LP5912 Datasheet HTML 5Page - Texas Instruments LP5912 Datasheet HTML 6Page - Texas Instruments LP5912 Datasheet HTML 7Page - Texas Instruments LP5912 Datasheet HTML 8Page - Texas Instruments LP5912 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
LP5912
www.ti.com
SNVSA77D – DECEMBER 2015 – REVISED NOVEMBER 2016
Product Folder Links: LP5912
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
All voltages are with respect to the device GND pin, unless otherwise stated.
(2)
Minimum and maximum limits are ensured through test, design, or statistical correlation over the junction temperature (TJ) range of
–40°C to +125°C, unless otherwise stated. Typical values represent the most likely parametric norm at TA = 25°C, and are provided for
reference purposes only.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (RθJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX).
(4)
Short-circuit current (ISC) is equivalent to current limit. To minimize thermal effects during testing, ISC is measured with VOUT pulled to
100 mV below its nominal voltage.
(5)
Reverse current (IRO) is measured at the IN pin.
(6)
Quiescent current is defined here as the difference in current between the input voltage source and the load at VOUT.
(7)
Ground current is defined here as the total current flowing to ground as a result of all input voltages applied to the device.
(8)
Dropout voltage (VDO) is the voltage difference between the input and the output at which the output voltage drops to 150 mV below its
nominal value when VIN = VOUT + 0.5 V. Dropout voltage is not a valid condition for output voltages less than 1.6 V as compliance with
the minimum operating voltage requirement cannot be assured.
7.5 Electrical Characteristics
VIN = VOUT(NOM) + 0.5 V or 1.6 V, whichever is greater; VEN = 1.3 V, CIN = 1 µF, COUT = 1 µF, IOUT = 1 mA (unless otherwise
stated).
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT VOLTAGE
ΔVOUT
Output voltage tolerance
For VOUT(NOM) ≥ 3.3 V:
VOUT(NOM) + 0.5 V ≤ VIN ≤ 6.5 V,
IOUT = 1 mA to 500 mA
–2%
2%
For 1.1 V
≤ VOUT(NOM) < 3.3 V:
VOUT(NOM) + 0.5 V ≤ VIN ≤ 6.5 V,
IOUT = 1 mA to 500 mA
–3%
3%
For VOUT(NOM) < 1.1 V:
1.6 V
≤ VIN ≤ 6.5 V,
IOUT = 1 mA to 500 mA
Line regulation
For VOUT(NOM) ≥ 1.1V:
VOUT(NOM) + 0.5 V ≤ VIN ≤ 6.5 V
0.8
%/V
For VOUT(NOM) < 1.1V :
1.6 V
≤ VIN ≤ 6.5 V
Load regulation
IOUT = 1 mA to 500 mA
0.0022
%/mA
CURRENT LEVELS
ISC
Short-circuit current limit
TJ = 25°C, see
(4)
700
900
1100
mA
IRO
Reverse leakage current(5)
VEN = VIN = 0 V, VOUT = 5.5 V
10
150
µA
IQ
Quiescent current(6)
VEN = 1.3 V, IOUT = 0 mA
30
55
µA
VEN = 1.3 V, IOUT = 500 mA
400
600
IQ(SD)
Quiescent current,
shutdown mode(6)
VEN = 0 V
–40°C
≤ TJ ≤ 85°C
0.2
1.5
µA
VEN = 0 V
0.2
5
IG
Ground current(7)
VEN = 1.3 V, IOUT = 0 mA
35
µA
VDO DROPOUT VOLTAGE
VDO
Dropout voltage(8)
IOUT = 500 mA, 1.6 V ≤ VOUT(NOM) < 3.3 V
170
250
mV
IOUT = 500 mA, 3.3 V ≤ VOUT(NOM) ≤ 5.5 V
95
180
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com