Electronic Components Datasheet Search
  English  ▼

X  

MPR24 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MPR24
Description  Ultra Precision Leaded Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MPR24 Datasheet(HTML) 6 Page - Vishay Siliconix

  MPR24 Datasheet HTML 1Page - Vishay Siliconix MPR24 Datasheet HTML 2Page - Vishay Siliconix MPR24 Datasheet HTML 3Page - Vishay Siliconix MPR24 Datasheet HTML 4Page - Vishay Siliconix MPR24 Datasheet HTML 5Page - Vishay Siliconix MPR24 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Document Number: 28727
For technical questions contact: ff3cresistors@vishay.com
www.vishay.com
Revision: 08-Mar-04
6
MPR24
Ultra Precision Leaded Resistors
Vishay BCcomponents
ORDERING INFORMATION
Components may be ordered by using either a simple clear
text ordering code, see “Type Description and Ordering
Code” or Vishay BCcomponents’ unique 12NC.
Numeric Ordering Code (12NC)
• The resistors have a 12-digit ordering code starting with
2322 14.
• The subsequent 3 digits indicate the resistor type,
specification and packaging; see the 12NC Ordering Code
table.
• The remaining 3 digits indicate the resistance value. The
number is available upon request and is fixed by the
supplier.
Ordering Example
The ordering code of an MPR24 resistor with tolerance of
± 0.02 % and TC ± 05 ppm/K, taped on bandolier in box of
100 units starts with 2322 141 77...; the last 3 digits are
available upon request and are fixed by the supplier.
12NC ORDERING CODE - resistor type and packaging
DESCRIPTION
ORDERING CODE 2322 14. .....
BANDOLIER IN BOX
BANDOLIER IN BOX
BANDOLIER ON REEL
TYPE
T.C.
TOL.
100
units
1000
units
5000
units
MPR24
± 25 ppm/K
± 0.5 %
1 00...
1 10...
3 10...
± 0.25 %
1 20...
1 30...
3 30...
± 0.1 %
1 40...
1 50...
3 50...
± 0.05 %
1 64...
3 64...
−
± 0.02 %
1 74...
3 74...
−
± 0.01 %
1 84...
3 84...
−
± 15 ppm/K
± 0.5 %
1 05...
1 15...
3 15...
± 0.25 %
1 25...
1 35...
3 35...
± 0.1 %
1 45...
1 55...
3 55...
± 0.05 %
1 65...
3 65...
−
± 0.02 %
1 75...
3 75...
−
± 0.01 %
1 85...
3 85...
−
± 10 ppm/K
± 0.5 %
1 06...
1 16...
3 16...
± 0.25 %
1 26...
1 36...
3 36...
± 0.1 %
1 46...
1 56...
3 56...
± 0.05 %
1 66...
3 66...
−
± 0.02 %
1 76...
3 76...
−
± 0.01 %
1 86...
3 86...
−
± 05 ppm/K
± 0.5 %
1 07...
1 17...
3 17...
± 0.25 %
1 27...
1 37...
3 37...
± 0.1 %
1 47...
1 57...
3 57...
± 0.05 %
1 67...
3 67...
−
± 0.02 %
1 77...
3 77...
−
± 0.01 %
1 87...
3 87...
−



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com