Electronic Components Datasheet Search
  English  ▼

X  

MPR24 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MPR24
Description  Ultra Precision Leaded Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MPR24 Datasheet(HTML) 4 Page - Vishay Siliconix

  MPR24 Datasheet HTML 1Page - Vishay Siliconix MPR24 Datasheet HTML 2Page - Vishay Siliconix MPR24 Datasheet HTML 3Page - Vishay Siliconix MPR24 Datasheet HTML 4Page - Vishay Siliconix MPR24 Datasheet HTML 5Page - Vishay Siliconix MPR24 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions contact: ff3cresistors@vishay.com
Document Number: 28727
4
Revision: 08-Mar-04
MPR24
Vishay BCcomponents
Ultra Precision Leaded Resistors
FUNCTIONAL PERFORMANCE
••
± 0.5 %; ± 0.25 %; ± 0.1 %
± 0.05 %; ± 0.02 %; ± 0.01 %
C
100
150
-50
0
50
70
ϑ
Ambient Temperature
amb
0
0.1
0.2
W
Derating - Depending on Resistance Tolerances
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance with the
following specifications:
EN 140000 / IEC 60115-1, Generic specification (includes
tests)
EN 140100 / IEC 60115-2, Sectional specification (includes
schedule for qualification approval)
CECC 40101-806, Detail specification (includes schedule
for conformance inspection)
Most of the components are approved in accordance with
the
European
CECC-system,
where
applicable.
The
following table contains only the most important tests. For
the full test schedule refer to the documents listed above.
The testing also covers most of the requirements specified
by EIA/IS-703 and JIS-C-5202.
The tests are carried out in accordance with IEC 60 068 and
under standard atmospheric conditions in accordance with
IEC 60068-1, 5.3. Climatic category LCT/UCT/56 (rated
temperature range: Lower Category Temperature, Upper
Category Temperature; damp heat, long term, 56 days) is
valid.
Unless otherwise specified the following values apply:
Temperature: 15 °C to 35 °C
Relative humidity: 45 % to 75 %
Air pressure: 86 kPa to 106 kPa (860 mbar to 1 060 mbar).
For testing the components are mounted on a test board in
accordance with IEC 60115-1, 4.31 unless otherwise
specified.
In the Test Procedures and Requirements table only the
tests and requirements are listed with reference to the
relevant clauses of IEC 60115-1 and IEC 60068-2; a short
description of the test procedure is also given.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com