Electronic Components Datasheet Search
  English  ▼

X  

MPR24 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MPR24
Description  Ultra Precision Leaded Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MPR24 Datasheet(HTML) 2 Page - Vishay Siliconix

  MPR24 Datasheet HTML 1Page - Vishay Siliconix MPR24 Datasheet HTML 2Page - Vishay Siliconix MPR24 Datasheet HTML 3Page - Vishay Siliconix MPR24 Datasheet HTML 4Page - Vishay Siliconix MPR24 Datasheet HTML 5Page - Vishay Siliconix MPR24 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions contact: ff3cresistors@vishay.com
Document Number: 28727
2
Revision: 08-Mar-04
MPR24
Vishay BCcomponents
Ultra Precision Leaded Resistors
DIMENSIONS
L
d
D
I
I
M
DIMENSIONS - leaded resistor types, mass and relevant physical dimensions
TYPE
Dmax
(mm)
Lmax
(mm)
dnom
(mm)
Imin
(mm)
Mmin
(mm)
MASS
(mg)
MPR 24
2.5
6.3
0.6
28.0
7.5
220
SCRIPT MARKING(1)
Note
1.
Resistors of T.C. ± 25 ppm/K in combination with tolerances ± 0.5 %, ± 0.25 % and ± 0.1 % are only available with colour coding in accordance
with IEC 60062
.
TEMPERATURE COEFFICIENT AND TOLERANCE - printed resistance value and letter coding
RESISTANCE
VALUE
TOL.
(%)
LETTER
CODE
TC
(ppm/K)
LETTER
CODE
Clear text code for value
± 0.5
D
± 25
E
± 0.25
C
± 15
F
± 0.1
B
± 10
B
± 0.05
A
± 05
A
± 0.02
P
-
-
± 0.01
T
-
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com