Electronic Components Datasheet Search
  English  ▼

X  

MPR24 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MPR24
Description  Ultra Precision Leaded Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MPR24 Datasheet(HTML) 3 Page - Vishay Siliconix

  MPR24 Datasheet HTML 1Page - Vishay Siliconix MPR24 Datasheet HTML 2Page - Vishay Siliconix MPR24 Datasheet HTML 3Page - Vishay Siliconix MPR24 Datasheet HTML 4Page - Vishay Siliconix MPR24 Datasheet HTML 5Page - Vishay Siliconix MPR24 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 28727
For technical questions contact: ff3cresistors@vishay.com
www.vishay.com
Revision: 08-Mar-04
3
MPR24
Ultra Precision Leaded Resistors
Vishay BCcomponents
Notes
1. The temperature coefficient is specified over the temperature range + 20 °C to + 70 °C.
2. Resistance values to be selected from E192 series, for other values please contact the factory.
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
DESCRIPTION
RESISTANCE VALUE(2)
T.C.(1)
TOLERANCE
MPR24
± 25 ppm/K
± 0.5 %
4.99 Ω to 1 MΩ
± 0.25 %
4.99 Ω to 1 MΩ
± 0.1 %
4.99 Ω to 1 MΩ
± 0.05 %
24 Ω to 100 kΩ
± 0.02 %
24 Ω to 100 kΩ
± 0.01 %
24 Ω to 100 kΩ
± 15 ppm/K
± 0.5 %
4.99 Ω to 1 MΩ
± 0.25 %
4.99 Ω to 1 MΩ
± 0.1 %
4.99 Ω to 1 MΩ
± 0.05 %
24 Ω to 100 kΩ
± 0.02 %
24 Ω to 100 kΩ
± 0.01 %
24 Ω to 100 kΩ
± 10 ppm/K
± 0.5 %
4.99 Ω to 1 MΩ
± 0.25 %
4.99 Ω to 1 MΩ
± 0.1 %
4.99 Ω to 1 MΩ
± 0.05 %
24 Ω to 100 kΩ
± 0.02 %
24 Ω to 100 kΩ
± 0.01 %
24 Ω to 100 kΩ
± 05 ppm/K
± 0.5 %
4.99 Ω to 1 MΩ
± 0.25 %
4.99 Ω to 1 MΩ
± 0.1 %
4.99 Ω to 1 MΩ
± 0.05 %
24 Ω to 100 kΩ
± 0.02 %
24 Ω to 100 kΩ
± 0.01 %
24 Ω to 100 kΩ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com