Electronic Components Datasheet Search
  English  ▼

X  

ND2012L Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # ND2012L
Description  N-Channel Depletion-Mode MOSFET Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

ND2012L Datasheet(HTML) 1 Page - TEMIC Semiconductors

  ND2012L Datasheet HTML 1Page - TEMIC Semiconductors ND2012L Datasheet HTML 2Page - TEMIC Semiconductors ND2012L Datasheet HTML 3Page - TEMIC Semiconductors ND2012L Datasheet HTML 4Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ND2012L/2020L
Siliconix
S-52426—Rev. C, 14-Apr-97
1
N-Channel Depletion-Mode MOSFET Transistors
Product Summary
Part Number
V(BR)DSV Min (V)
rDS(on) Max (W)
VGS(off) (V)
ID (A)
ND2012L
200
12
–1.5 to –4
0.16
ND2020L
200
20
–0.5 to –2.5
0.132
Features
Benefits
Applications
D High Breakdown Voltage: 220 V
D Normally “On” Low rDS Switch: 9 W
D Low Input and Output Leakage
D Low-Power Drive Requirement
D Low Input Capacitance
D Full-Voltage Operation
D Low Offset Voltage
D Low Error Voltage
D Easily Driven Without Buffer
D High-Speed Switching
D Normally “On” Switching Circuits
D Current Sources/Limiters
D Power Supply, Converter Circuits
D Solid-State Relays
D Telecom Switches
1
TO-226AA
(TO-92)
Top View
S
D
G
2
3
Absolute Maximum Ratings (TA = 25
_C Unless Otherwise Noted)
Parameter
Symbol
ND2012L
ND2020L
Unit
Drain-Source Voltage
VDS
200
200
V
Gate-Source Voltage
VGS
"30
"30
V
Continuous Drain Current (TJ = 150_C)
TA= 25_C
ID
0.16
0.132
Continuous Drain Current (TJ = 150_C)
TA= 100_C
ID
0.1
0.083
A
Pulsed Drain Currenta
IDM
0.8
0.8
Power Dissipation
TA= 25_C
PD
0.8
0.8
W
Power Dissipation
TA= 100_C
PD
0.32
0.32
W
Maximum Junction-to-Ambient
RthJA
156
156
_C/W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
Notes
a.
Pulse width limited by maximum junction temperature.
Updates to this data sheet may be obtained via facsimile by calling Siliconix FaxBack, 1-408-970-5600. Please request FaxBack document #70197.
Applications information may also be obtained via FaxBack, request document #70612.


Similar Part No. - ND2012L

ManufacturerPart #DatasheetDescription
logo
LUMEL S.A.
ND20 LUMEL-ND20 Datasheet
504Kb / 2P
METER OF NETWORK PARAMETERS
logo
PEAK Plastic & Metal Pr...
ND20201.405126 PEAK_Inc-ND20201.405126 Datasheet
168Kb / 2P
ND20201.405126 REV.A
ND20201.405128 PEAK_Inc-ND20201.405128 Datasheet
166Kb / 2P
ND20201.405128 REV.A
logo
LUMEL S.A.
ND20CT LUMEL-ND20CT Datasheet
2Mb / 8P
meter of network parameters
ND20CT -303 LUMEL-ND20CT -303 Datasheet
2Mb / 8P
meter of network parameters
More results

Similar Description - ND2012L

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LND150 SUTEX-LND150 Datasheet
88Kb / 4P
N-Channel Depletion-Mode MOSFET
LND250 SUTEX-LND250 Datasheet
69Kb / 2P
N-Channel Depletion-Mode MOSFET
logo
List of Unclassifed Man...
ND2406L ETC1-ND2406L Datasheet
57Kb / 4P
N-Channel Depletion-Mode MOSFET Transistors
logo
Bruckewell Technology L...
DMS05N60 BWTECH-DMS05N60 Datasheet
565Kb / 3P
N-Channel Depletion-Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM126 TSC-TSM126 Datasheet
601Kb / 7P
N-Channel Depletion-Mode MOSFET
logo
Unisonic Technologies
UF601 UTC-UF601_15 Datasheet
194Kb / 3P
N-CHANNEL DEPLETION-MODE POWER MOSFET
2N65-C UTC-2N65-C Datasheet
247Kb / 7P
N-CHANNEL DEPLETION-MODE POWER MOSFET
3N60K-MK UTC-3N60K-MK Datasheet
255Kb / 7P
N-CHANNEL DEPLETION-MODE POWER MOSFET
11N60K-MT UTC-11N60K-MT Datasheet
220Kb / 6P
N-CHANNEL DEPLETION-MODE POWER MOSFET
UF601Q UTC-UF601Q Datasheet
178Kb / 3P
N-CHANNEL DEPLETION-MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com