Electronic Components Datasheet Search
  English  ▼

X  

ND2012L Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # ND2012L
Description  N-Channel Depletion-Mode MOSFET Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

ND2012L Datasheet(HTML) 3 Page - TEMIC Semiconductors

  ND2012L Datasheet HTML 1Page - TEMIC Semiconductors ND2012L Datasheet HTML 2Page - TEMIC Semiconductors ND2012L Datasheet HTML 3Page - TEMIC Semiconductors ND2012L Datasheet HTML 4Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ND2012L/2020L
Siliconix
S-52426—Rev. C, 14-Apr-97
3
Typical Characteristics (25
_C Unless Otherwise Noted)
Output Characteristics (ND2020)
On-Resistance and Drain Current
vs. Gate-Source Cutoff Voltage
On-Resistance vs. DrainCurrent
Transfer Characteristics (ND2012)
VGS – Gate-Source Voltage (V)
VGS – Gate-Source Voltage (V)
VDS – Drain-to-Source Voltage (V)
VDS – Drain-to-Source Voltage (V)
Output Characteristics (ND2012)
Transfer Characteristics (ND2020)
VGS(off) – Gate-Source Cutoff Voltage (V)
ID – Drain Current (mA)
100
80
60
0
0
0.4
2
40
20
0.8
1.2
1.6
0 V
–1 V
–1.5 V
–2 V
–0.5 V
–2.5 V
500
400
300
0
–4.5
–3.5
0.5
200
100
–2.5
–1.5
–0.5
125
_C
TC = –55_C
100
0
0.4
0.8
1.2
1.6
2
80
60
40
20
0
0.2 V
–0.2 V
0 V
–0.4 V
–0.6 V
–0.8 V
–1 V
–1.4 V
–1.2 V
200
160
120
80
40
0
–4.5
–3.5
–2.5
–1.5
–0.5
0.5
–55
_C
TC = 125_C
25
20
15
0
0–1
–5
10
5
–2
–3
–4
1000
800
600
0
400
200
rDS(on)
IDSS
rDS @ ID = 20 mA, VGS = 0 V
IDSS @ VDS = 7.5 V, VGS = 0 V
10
100
1 K
25
20
0
15
10
5
ND2020
ND2012
VGS = 0 V
25
_C
25
_C
VDS = 10 V
VDS = 10 V
VGS = 2 V
VGS = 5 V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com