Electronic Components Datasheet Search
  English  ▼

X  

ND2012L Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # ND2012L
Description  N-Channel Depletion-Mode MOSFET Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

ND2012L Datasheet(HTML) 4 Page - TEMIC Semiconductors

  ND2012L Datasheet HTML 1Page - TEMIC Semiconductors ND2012L Datasheet HTML 2Page - TEMIC Semiconductors ND2012L Datasheet HTML 3Page - TEMIC Semiconductors ND2012L Datasheet HTML 4Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ND2012L/2020L
4
Siliconix
S-52426—Rev. C, 14-Apr-97
Typical Characteristics (25
_C Unless Otherwise Noted) (Cont’d)
100
10
1
1
100
10
VDD = 25 V
VGS = 0 to –5 V
RG = 25 W
10 K
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
1
0.01
0.1
0.01
0.1
1
100
10
1 K
Forward Transconductance and Output
Conductance vs. Drain Current
Normalized Effective Transient Thermal Impedance, Junction-to-Ambient (TO-226AA)
Capacitance
Load Condition Effects on Switching
t1 – Square Wave Pulse Duration (sec)
ID – Drain Current (A)
VDS – Drain-to-Source Voltage (V)
td(on)
td(off)
tr
tf
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 156
_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
Notes:
PDM
t2
ID – Drain Current (A)
TJ – Junction Temperature (_C)
Normalized On-Resistance
vs. Junction Temperature
2.25
2.00
1.75
0.50
–50
–10
150
1.50
1.25
30
70
110
1.00
0.75
VGS = 0 V
ID = 20 mA
700
300
100
500
400
200
600
350
150
50
1
10
100
1 K
250
200
100
300
0
0
VDS = 7.5 V
Pulse Test
80 ms, 1% Duty Cycle
120
100
80
0
60
40
20
010
50
20
30
40
C iss
C rss
Coss
gfs
gos
VGS = –5 V
f = 1 MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com