Electronic Components Datasheet Search
  English  ▼

X  

MB91F464HB Datasheet(PDF) 77 Page - Cypress Semiconductor

Part # MB91F464HB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F464HB Datasheet(HTML) 77 Page - Cypress Semiconductor

Back Button MB91F464HB Datasheet HTML 73Page - Cypress Semiconductor MB91F464HB Datasheet HTML 74Page - Cypress Semiconductor MB91F464HB Datasheet HTML 75Page - Cypress Semiconductor MB91F464HB Datasheet HTML 76Page - Cypress Semiconductor MB91F464HB Datasheet HTML 77Page - Cypress Semiconductor MB91F464HB Datasheet HTML 78Page - Cypress Semiconductor MB91F464HB Datasheet HTML 79Page - Cypress Semiconductor MB91F464HB Datasheet HTML 80Page - Cypress Semiconductor MB91F464HB Datasheet HTML 81Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 105 page
background image
Document Number: 002-04621 Rev. *A
Page 77 of 105
MB91460H Series
15. Electrical Characteristics
15.1 Absolute maximum ratings
*1 : The parameter is based on VSS5 = AVSS5 = 0.0 V.
*2 : AVCC5 and AVRH5 must not exceed VDD5 + 0.3 V.
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply slew rate
—
—
50
V/ms
Power supply voltage 1*1
VDD5R
- 0.3
+ 6.0
V
Power supply voltage 2*1
VDD5
- 0.3
+ 6.0
V
Relationship of the supply voltages
AVCC5
VDD5-0.3
VDD35-0.3
VDD5+0.3
VDD35+0.3
V
At least one pin of the
Ports 26 to 29 (ANn) is
used as digital input or
output.
VSS5-0.3
VDD35-0.3
VDD5+0.3
VDD35+0.3
V
All pins of the Ports 26 to 29
(ANn) follow the condition
of VIA
Analog power supply voltage*1
AVCC5
- 0.3
+ 6.0
V
*2
Analog reference
power supply voltage*1
AVRH
- 0.3
+ 6.0
V
*2
Input voltage 1*1
VI1
Vss5 - 0.3
VDD5 + 0.3
V
Analog pin input voltage*1
VIA
AVss5 - 0.3
AVcc5 + 0.3
V
Output voltage 1*1
VO1
Vss5 - 0.3
VDD5 + 0.3
V
Maximum clamp current
ICLAMP
- 4.0
+ 4.0
mA
*3
Total maximum clamp current
|I
CLAMP|—
20
mA
*3
“L” level maximum output current*4
IOL
—10
mA
“L” level average output current*5
IOLAV
—8
mA
“L” level total maximum output current
I
OL
—
100
mA
“L” level total average output current*6
I
OLAV
—50
mA
“H” level maximum output current*4
IOH
—
- 10
mA
“H” level average output current*5
IOHAV
—
- 4
mA
“H” level total maximum output current
I
OH
—
- 100
mA
“H” level total average output current*6
I
OHAV
—
- 25
mA
Power consumption
PD
—
600
mW
at TA = 105°C
Operating temperature
TA
- 40
+ 105
°C
Storage temperature
Tstg
- 55
+ 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com