Electronic Components Datasheet Search
  English  ▼

X  

MB91F464HB Datasheet(PDF) 97 Page - Cypress Semiconductor

Part # MB91F464HB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F464HB Datasheet(HTML) 97 Page - Cypress Semiconductor

Back Button MB91F464HB Datasheet HTML 93Page - Cypress Semiconductor MB91F464HB Datasheet HTML 94Page - Cypress Semiconductor MB91F464HB Datasheet HTML 95Page - Cypress Semiconductor MB91F464HB Datasheet HTML 96Page - Cypress Semiconductor MB91F464HB Datasheet HTML 97Page - Cypress Semiconductor MB91F464HB Datasheet HTML 98Page - Cypress Semiconductor MB91F464HB Datasheet HTML 99Page - Cypress Semiconductor MB91F464HB Datasheet HTML 100Page - Cypress Semiconductor MB91F464HB Datasheet HTML 101Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 105 page
background image
Document Number: 002-04621 Rev. *A
Page 97 of 105
MB91460H Series
Synchronous/Asynchronous read access
(VDD35 = 3.0 V to 5.5 V, Vss5 = AVss5 = 0 V, TA = 40 °C to + 105 °C)
Parameter
Symbol
Pin name
Value
Unit
Min
Max
SYSCLK ↑ to RDX delay time
TCHRL
SYSCLK
RDX
- 7
1
ns
TCHRH
- 4
2
ns
Data valid to RDX ↑ setup time
TDSRH
RDX
D31 to D16
33
—
ns
RDX ↑ to Data valid hold time
TRHDX
RDX
D31 to D16
0—
ns
SYSCLK ↓ to WRXn
(as byte enable) delay time
TCLWRL
SYSCLK
WRXn
—8
ns
TCLWRH
0
—
ns
SYSCLK ↓ to CSXn delay time
TCLCSL
SYSCLK
CSXn
—8
ns
TCLCSH
—
12
ns
SYSCLK
CSXn
WRXn
(as byte enable)
RDX
DATA IN
tDSRH
tRHDX
tCHRH
tCHRL
tCLWRL
tCLWRH
tCLCSH
tCLCSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com