Electronic Components Datasheet Search
  English  ▼

X  

MB91F464HB Datasheet(PDF) 79 Page - Cypress Semiconductor

Part # MB91F464HB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F464HB Datasheet(HTML) 79 Page - Cypress Semiconductor

Back Button MB91F464HB Datasheet HTML 75Page - Cypress Semiconductor MB91F464HB Datasheet HTML 76Page - Cypress Semiconductor MB91F464HB Datasheet HTML 77Page - Cypress Semiconductor MB91F464HB Datasheet HTML 78Page - Cypress Semiconductor MB91F464HB Datasheet HTML 79Page - Cypress Semiconductor MB91F464HB Datasheet HTML 80Page - Cypress Semiconductor MB91F464HB Datasheet HTML 81Page - Cypress Semiconductor MB91F464HB Datasheet HTML 82Page - Cypress Semiconductor MB91F464HB Datasheet HTML 83Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 105 page
background image
Document Number: 002-04621 Rev. *A
Page 79 of 105
MB91460H Series
15.2 Recommended operating conditions
(VSS5 = AVSS5 = 0.0 V)
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the semiconductor device.
All of the device's electrical characteristics are warranted when the device is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges.
Operation outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet. Users
considering application outside the listed conditions are advised to contact their representatives beforehand.
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
Power supply voltage
VDD5
3.0
—
5.5
V
VDD5R
3.0
—
5.5
V
Internal regulator
AVCC5
3.0
—
5.5
V
A/D converter
Smoothing capacitor at
VCC18C pin
CS
—4.7
—
μF
Use a X7R ceramic capacitor or a
capacitor that has similar frequency
characteristics.
Power supply slew rate
—
—
50
V/ms
Operating temperature
TA
- 40
—
+ 105
°C
Main Oscillation
stabilisation time
10
ms
Lock-up time PLL
(4 MHz ->16 ...100MHz)
0.6
ms
ESD Protection
(Human body model)
Vsurge
2
kV
Rdischarge = 1.5kΩ
Cdischarge = 100pF
RC Oscillator
fRC100kHz
fRC2MHz
50
1
100
2
200
4
kHz
MHz
VDDCORE > 1.65V
CS
AVSS5
VSS5
VCC18C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com