Electronic Components Datasheet Search
  English  ▼

X  

MB91F464HB Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # MB91F464HB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F464HB Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button MB91F464HB Datasheet HTML 21Page - Cypress Semiconductor MB91F464HB Datasheet HTML 22Page - Cypress Semiconductor MB91F464HB Datasheet HTML 23Page - Cypress Semiconductor MB91F464HB Datasheet HTML 24Page - Cypress Semiconductor MB91F464HB Datasheet HTML 25Page - Cypress Semiconductor MB91F464HB Datasheet HTML 26Page - Cypress Semiconductor MB91F464HB Datasheet HTML 27Page - Cypress Semiconductor MB91F464HB Datasheet HTML 28Page - Cypress Semiconductor MB91F464HB Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 105 page
background image
Document Number: 002-04621 Rev. *A
Page 25 of 105
MB91460H Series
5.6 Mode pins (MD_x)
These pins should be connected directly to the power supply or ground pins. To prevent the device from entering test mode accidentally
due to noise, minimize the lengths of the patterns between each mode pin and power supply pin or ground pin on the printed circuit
board as possible and connect them with low impedance.
5.7 Notes on operating in PLL clock mode
If the oscillator is disconnected or the clock input stops when the PLL clock is selected, the microcontroller may continue to operate
at the free-running frequency of the self-oscillating circuit of the PLL. However, this self-running operation cannot be guaranteed.
5.8 Pull-up control
The AC standard is not guaranteed in case a pull-up resistor is connected to the pin serving as an external bus pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com