Electronic Components Datasheet Search
  English  ▼

X  

MB95F616K Datasheet(PDF) 63 Page - Cypress Semiconductor

Part # MB95F616K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F616K Datasheet(HTML) 63 Page - Cypress Semiconductor

Back Button MB95F616K Datasheet HTML 59Page - Cypress Semiconductor MB95F616K Datasheet HTML 60Page - Cypress Semiconductor MB95F616K Datasheet HTML 61Page - Cypress Semiconductor MB95F616K Datasheet HTML 62Page - Cypress Semiconductor MB95F616K Datasheet HTML 63Page - Cypress Semiconductor MB95F616K Datasheet HTML 64Page - Cypress Semiconductor MB95F616K Datasheet HTML 65Page - Cypress Semiconductor MB95F616K Datasheet HTML 66Page - Cypress Semiconductor MB95F616K Datasheet HTML 67Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 63 of 110
PRELIMINARY
MB95610H Series
15.7 Port F
Port F is a general-purpose I/O port. This section focuses on its functions as a general-purpose I/O port. For details of peripheral
functions, refer to their respective chapters in “New 8FX MB95610H Series Hardware Manual”.
15.7.1 Port F configuration
Port F is made up of the following elements.
❐ General-purpose I/O pins/peripheral function I/O pins
❐ Port F data register (PDRF)
❐ Port F direction register (DDRF)
15.7.2 Block diagrams of port F
■ PF0/X0 pin
This pin has the following peripheral function:
❐ Main clock input oscillation pin (X0)
■ PF1/X1 pin
This pin has the following peripheral function:
❐ Main clock I/O oscillation pin (X1)
■ Block diagram of PF0/X0 and PF1/X1
PDRF
Pin
PDRF read
PDRF write
Executing bit manipulation instruction
DDRF read
DDRF write
DDRF
0
1
Stop mode, watch mode (SPL = 1)
Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com