Electronic Components Datasheet Search
  English  ▼

X  

MB95F616K Datasheet(PDF) 33 Page - Cypress Semiconductor

Part # MB95F616K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F616K Datasheet(HTML) 33 Page - Cypress Semiconductor

Back Button MB95F616K Datasheet HTML 29Page - Cypress Semiconductor MB95F616K Datasheet HTML 30Page - Cypress Semiconductor MB95F616K Datasheet HTML 31Page - Cypress Semiconductor MB95F616K Datasheet HTML 32Page - Cypress Semiconductor MB95F616K Datasheet HTML 33Page - Cypress Semiconductor MB95F616K Datasheet HTML 34Page - Cypress Semiconductor MB95F616K Datasheet HTML 35Page - Cypress Semiconductor MB95F616K Datasheet HTML 36Page - Cypress Semiconductor MB95F616K Datasheet HTML 37Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 33 of 110
PRELIMINARY
MB95610H Series
15. I/O Ports
■ List of port registers
R/W
: Readable/writable (The read value is the same as the write value.)
R, RM/W : Readable/writable (The read value is different from the write value. The write value is read by the read-modify-write
(RMW) type of instruction.)
15.1 Port 0
Port 0 is a general-purpose I/O port. This section focuses on its functions as a general-purpose I/O port. For details of peripheral
functions, refer to their respective chapters in “New 8FX MB95610H Series Hardware Manual”.
15.1.1 Port 0 configuration
Port 0 is made up of the following elements.
■ General-purpose I/O pins/peripheral function I/O pins
■ Port 0 data register (PDR0)
■ Port 0 direction register (DDR0)
■ A/D input disable register (lower) (AIDRL)
Register name
Read/Write
Initial value
Port 0 data register
PDR0
R, RM/W
0b00000000
Port 0 direction register
DDR0
R/W
0b00000000
Port 1 data register
PDR1
R, RM/W
0b00000000
Port 1 direction register
DDR1
R/W
0b00000000
Port 2 data register
PDR2
R, RM/W
0b00000000
Port 2 direction register
DDR2
R/W
0b00000000
Port 3 data register
PDR3
R, RM/W
0b00000000
Port 3 direction register
DDR3
R/W
0b00000000
Port 5 data register
PDR5
R, RM/W
0b00000000
Port 5 direction register
DDR5
R/W
0b00000000
Port 9 data register
PDR9
R, RM/W
0b00000000
Port 9 direction register
DDR9
R/W
0b00000000
Port F data register
PDRF
R, RM/W
0b00000000
Port F direction register
DDRF
R/W
0b00000000
Port G data register
PDRG
R, RM/W
0b00000000
Port G direction register
DDRG
R/W
0b00000000
Port 1 pull-up register
PUL1
R/W
0b00000000
Port 5 pull-up register
PUL5
R/W
0b00000000
Port G pull-up register
PULG
R/W
0b00000000
A/D input disable register (lower)
AIDRL
R/W
0b00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com