Electronic Components Datasheet Search
  English  ▼

X  

MB95F616K Datasheet(PDF) 65 Page - Cypress Semiconductor

Part # MB95F616K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F616K Datasheet(HTML) 65 Page - Cypress Semiconductor

Back Button MB95F616K Datasheet HTML 61Page - Cypress Semiconductor MB95F616K Datasheet HTML 62Page - Cypress Semiconductor MB95F616K Datasheet HTML 63Page - Cypress Semiconductor MB95F616K Datasheet HTML 64Page - Cypress Semiconductor MB95F616K Datasheet HTML 65Page - Cypress Semiconductor MB95F616K Datasheet HTML 66Page - Cypress Semiconductor MB95F616K Datasheet HTML 67Page - Cypress Semiconductor MB95F616K Datasheet HTML 68Page - Cypress Semiconductor MB95F616K Datasheet HTML 69Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 65 of 110
PRELIMINARY
MB95610H Series
15.7.3 Port F registers
■ Port F register functions
*: If the pin is an N-ch open drain pin, the pin state becomes Hi-Z.
■ Correspondence between registers and pins for port F
*: PF2/RST is the dedicated reset pin on MB95F613H/F614H/F616H.
Register
abbreviation
Data
Read
Read by read-modify-write
(RMW) instruction
Write
PDRF
0
Pin state is “L” level.
PDRF value is “0”.
As output port, outputs “L” level.
1
Pin state is “H” level.
PDRF value is “1”.
As output port, outputs “H” level.*
DDRF
0
Port input enabled
1
Port output enabled
Correspondence between related register bits and pins
Pin name
-
-
-
-
-
PF2*
PF1
PF0
PDRF
----
-
bit2
bit1
bit0
DDRF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com