Electronic Components Datasheet Search
  English  ▼

X  

MB95F616K Datasheet(PDF) 77 Page - Cypress Semiconductor

Part # MB95F616K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F616K Datasheet(HTML) 77 Page - Cypress Semiconductor

Back Button MB95F616K Datasheet HTML 73Page - Cypress Semiconductor MB95F616K Datasheet HTML 74Page - Cypress Semiconductor MB95F616K Datasheet HTML 75Page - Cypress Semiconductor MB95F616K Datasheet HTML 76Page - Cypress Semiconductor MB95F616K Datasheet HTML 77Page - Cypress Semiconductor MB95F616K Datasheet HTML 78Page - Cypress Semiconductor MB95F616K Datasheet HTML 79Page - Cypress Semiconductor MB95F616K Datasheet HTML 80Page - Cypress Semiconductor MB95F616K Datasheet HTML 81Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 77 of 110
PRELIMINARY
MB95610H Series
18.2 Recommended Operating Conditions
(VSS = 0.0 V)
*1: The minimum power supply voltage becomes 2.88 V when a product with the low-voltage detection reset is used or when the
on-chip debug mode is used.
*2: Use a ceramic capacitor or a capacitor with equivalent frequency characteristics. The decoupling capacitor for the VCC pin must
have a capacitance equal to or larger than the capacitance of CS. For the connection to a decoupling capacitor CS, see the diagram
below. To prevent the device from unintentionally entering an unknown mode due to noise, minimize the distance between the C
pin and CS and the distance between CS and the VSS pin when designing the layout of a printed circuit board.
WARNING:
The recommended operating conditions are required in order to ensure the normal operation of the semiconductor
device. All of the device's electrical characteristics are warranted when the device is operated under these conditions.
Any use of semiconductor devices will be under their recommended operating condition.
Operation under any conditions other than these conditions may adversely affect reliability of device and could result
in device failure.
No warranty is made with respect to any use, operating conditions or combinations not represented on this data sheet.
If you are considering application under any conditions other than listed herein, please contact sales representatives
beforehand.
Parameter
Symbol
Value
Unit
Remarks
Min
Max
Power supply voltage
VCC
2.4*1
5.5
V
In normal operation
2.3
5.5
V
Hold condition in stop mode
Decoupling capacitor
CS
0.022
1
µF
*2
Operating temperature
TA
 40
85
C
Not in on-chip debug mode
5
35
In on-chip debug mode
C
Cs
DBG
*
RST
• DBG / RST / C pins connection diagram
*: Connect the DBG pin to an external pull-up resistor of 2 k
 or above. After power-on, ensure that the
DBG pin does not stay at “L” level until the reset output is released. The DBG pin becomes a com-
munication pin in debug mode. Since the actual pull-up resistance depends on the tool used and the
interconnection length, refer to the tool document when selecting a pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com