Electronic Components Datasheet Search
  English  ▼

X  

MB95F616K Datasheet(PDF) 102 Page - Cypress Semiconductor

Part # MB95F616K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F616K Datasheet(HTML) 102 Page - Cypress Semiconductor

Back Button MB95F616K Datasheet HTML 98Page - Cypress Semiconductor MB95F616K Datasheet HTML 99Page - Cypress Semiconductor MB95F616K Datasheet HTML 100Page - Cypress Semiconductor MB95F616K Datasheet HTML 101Page - Cypress Semiconductor MB95F616K Datasheet HTML 102Page - Cypress Semiconductor MB95F616K Datasheet HTML 103Page - Cypress Semiconductor MB95F616K Datasheet HTML 104Page - Cypress Semiconductor MB95F616K Datasheet HTML 105Page - Cypress Semiconductor MB95F616K Datasheet HTML 106Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 102 of 110
PRELIMINARY
MB95610H Series
18.5.3 Definitions of A/D Converter Terms
• Resolution
It indicates the level of analog variation that can be distinguished by the A/D converter.
When the number of bits is 10, analog voltage can be divided into 210 = 1024.
• Linearity error (unit: LSB)
It indicates how much an actual conversion value deviates from the straight line connecting the zero transition point (“0000000000”
  “0000000001”) of a device to the full-scale transition point (“1111111111”   “1111111110”) of the same device.
• Differential linear error (unit: LSB)
It indicates how much the input voltage required to change the output code by 1 LSB deviates from an ideal value.
• Total error (unit: LSB)
It indicates the difference between an actual value and a theoretical value. The error can be caused by a zero transition error, a
full-scale transition errors, a linearity error, a quantum error, or noise.
(Continued)
VFST
Ideal I/O characteristics
0x001
0x002
0x003
0x004
0x3FD
0x3FE
0x3FF
2 LSB
V0T
1 LSB
0.5 LSB
Total error
Analog input
Analog input
0x001
0x002
0x003
0x004
0x3FD
0x3FE
0x3FF
Actual conversion
characteristic
Ideal characteristic
Actual conversion
characteristic
N
VNT
: A/D converter digital output value
: Voltage at which the digital output transits from 0x(N - 1) to 0xN
{1 LSB
× (N - 1) + 0.5 LSB}
VNT
Total error of digital output N
VNT - {1 LSB
× (N - 1) + 0.5 LSB}
1 LSB
[LSB]
=
VCC - VSS
1024
(V)
1 LSB =
VSS
VCC
VSS
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com