Electronic Components Datasheet Search
  English  ▼

X  

PIC16C83 Datasheet(PDF) 102 Page - Microchip Technology

Part # PIC16C83
Description  8 BIT CMOS EEPROM MICROCONTROLLERS
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C83 Datasheet(HTML) 102 Page - Microchip Technology

Back Button PIC16C83 Datasheet HTML 98Page - Microchip Technology PIC16C83 Datasheet HTML 99Page - Microchip Technology PIC16C83 Datasheet HTML 100Page - Microchip Technology PIC16C83 Datasheet HTML 101Page - Microchip Technology PIC16C83 Datasheet HTML 102Page - Microchip Technology PIC16C83 Datasheet HTML 103Page - Microchip Technology PIC16C83 Datasheet HTML 104Page - Microchip Technology PIC16C83 Datasheet HTML 105Page - Microchip Technology PIC16C83 Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 117 page
background image
PIC16C8X
DS30081F-page 102
Preliminary
© 1995 Microchip Technology Inc.
Applicable Devices 83 R83 84 84A R84
13.5
Timing Diagrams and Specifications for PIC16C83, PIC16CR83, PIC16C84A, and PIC16CR84
FIGURE 13-3: EXTERNAL CLOCK TIMING
TABLE 13-3:
EXTERNAL CLOCK TIMING REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Fos
External CLKIN Frequency
(Note 1)
DC
—
2
MHz
XT, RC osc
PIC16LC8X-04
PIC16LCR8X-04
DC
—
4
MHz
XT, RC osc
PIC16C8X-04
PIC16CR8X-04
DC
—
10
MHz
HS osc
PIC16C8X-10
PIC16CR8X-10
DC
—
200
kHz
LP osc
PIC16LC8X-04
PIC16LCR8X-04
Oscillator Frequency
(Note 1)
DC
—
2
MHz
RC osc
PIC16LC8X-04
PIC16LCR8X-04
DC
—
4
MHz
RC osc
PIC16C8X-04
PIC16CR8X-04
0.1
—
2
MHz
XT osc
PIC16LC8X-04
PIC16LCR8X-04
0.1
—
4
MHz
XT osc
PIC16C8X-04
PIC16CR8X-04
1.0
—
10
MHz
HS osc
PIC16C8X-10
PIC16CR8X-10
DC
—
200
kHz
LP osc
PIC16LC8X-04
PIC16LCR8X-04
†
Data in "Typ" column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values are
based on characterization data for that particular oscillator type under standard operating conditions with the
device executing code. Exceeding these specified limits may result in an unstable oscillator operation and/or
higher than expected current consumption. All devices are tested to operate at "min." values with an
external clock applied to the OSC1 pin.
When an external clock input is used, the "Max." cycle time limit is "DC" (no clock) for all devices.
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
13
3
4
4
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com