Electronic Components Datasheet Search
  English  ▼

X  

PIC16C83 Datasheet(PDF) 103 Page - Microchip Technology

Part # PIC16C83
Description  8 BIT CMOS EEPROM MICROCONTROLLERS
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C83 Datasheet(HTML) 103 Page - Microchip Technology

Back Button PIC16C83 Datasheet HTML 99Page - Microchip Technology PIC16C83 Datasheet HTML 100Page - Microchip Technology PIC16C83 Datasheet HTML 101Page - Microchip Technology PIC16C83 Datasheet HTML 102Page - Microchip Technology PIC16C83 Datasheet HTML 103Page - Microchip Technology PIC16C83 Datasheet HTML 104Page - Microchip Technology PIC16C83 Datasheet HTML 105Page - Microchip Technology PIC16C83 Datasheet HTML 106Page - Microchip Technology PIC16C83 Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 117 page
background image
© 1995 Microchip Technology Inc.
Preliminary
DS30081F-page 103
PIC16C8X
Applicable Devices 83 R83 84 84A R84
1TOSC
External CLKIN Period
(Note 1)
500
—
—
ns
XT, RC osc
PIC16LC8X-04
PIC16LCR8X-04
250
—
—
ns
XT, RC osc
PIC16C8X-04
PIC16CR8X-04
100
—
—
ns
HS osc
PIC16C8X-10
PIC16CR8X-10
5.0
—
—
µs
LP osc
PIC16LC8X-04
PIC16LCR8X-04
Oscillator Period
(Note 1)
500
—
—
ns
RC osc
PIC16LC8X-04
PIC16LCR8X-04
250
—
—
ns
RC osc
PIC16C8X-04
PIC16CR8X-04
500
—
10,000
ns
XT osc
PIC16LC8X-04
PIC16LCR8X-04
250
—
10,000
ns
XT osc
PIC16C8X-04
PIC16CR8X-04
100
—
1,000
ns
HS osc
PIC16C8X-10
PIC16CR8X-10
5.0
—
—
µs
LP osc
PIC16LC8X-04
PIC16LCR8X-04
2TCY
Instruction Cycle Time (Note 1)
0.4
4/Fosc
DC
µs
3
TosL,
TosH
Clock in (OSC1) High or Low Time
60 *
—
—
ns
XT osc
PIC16LC8X-04
PIC16LCR8X-04
50 *
—
—
ns
XT osc
PIC16C8X-04
PIC16CR8X-04
2.0 *
—
—
µs
LP osc
PIC16LC8X-04
PIC16LCR8X-04
35 *
—
—
ns
HS osc
PIC16C8X-10
PIC16CR8X-10
4
TosR,
TosF
Clock in (OSC1) Rise or Fall Time
25 *
—
—
ns
XT osc
PIC16C8X-04
PIC16CR8X-04
50 *
—
—
ns
LP osc
PIC16LC8X-04
PIC16LCR8X-04
15 *
—
—
ns
HS osc
PIC16C8X-10
PIC16CR8X-10
TABLE 13-3:
EXTERNAL CLOCK TIMING REQUIREMENTS (CONTINUED)
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
†
Data in "Typ" column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values are
based on characterization data for that particular oscillator type under standard operating conditions with the
device executing code. Exceeding these specified limits may result in an unstable oscillator operation and/or
higher than expected current consumption. All devices are tested to operate at "min." values with an
external clock applied to the OSC1 pin.
When an external clock input is used, the "Max." cycle time limit is "DC" (no clock) for all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com