Electronic Components Datasheet Search
  English  ▼

X  

AD5675 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5675
Description  Base station power amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5675 Datasheet(HTML) 1 Page - Analog Devices

  AD5675 Datasheet HTML 1Page - Analog Devices AD5675 Datasheet HTML 2Page - Analog Devices AD5675 Datasheet HTML 3Page - Analog Devices AD5675 Datasheet HTML 4Page - Analog Devices AD5675 Datasheet HTML 5Page - Analog Devices AD5675 Datasheet HTML 6Page - Analog Devices AD5675 Datasheet HTML 7Page - Analog Devices AD5675 Datasheet HTML 8Page - Analog Devices AD5675 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Octal, 16-Bit nanoDAC+
with I2C Interface
Data Sheet
AD5675
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumed byAnalog Devicesforitsuse, nor for anyinfringementsof patentsorother
rightsof third partiesthatmayresult fromitsuse. Specificationssubjecttochangewithout notice.No
licenseisgranted by implication or otherwiseunder anypatent or patent rightsof Analog Devices.
Trademarks and registered trademarks are the property oftheir respective owners.
One Technology Way , P.O. Box 9106, Norwood, MA 02062-9106, U.S .A.
Tel: 781.329.4700
©2015–2016 Analog Devices, Inc. All rights reserved.
Technica l Support
www.analog.com
FEATURES
High performance
High relative accuracy (INL): ±3 LSB maximum at 16 bits
Total unadjusted error (TUE): ±0.14% of FSR maximum
Offset error: ±1.5 mV maximum
Gain error: ±0.06% of FSR maximum
Wide operating ranges
−40°C to +125°C temperature range
2.7 V to 5.5 V power supply
Easy implementation
User selectable gain of 1 or 2 (GAIN pin/bit)
1.8 V logic compatibility
I2C-compatible serial interface
Robust 2 kV HBM and 1.5 kV FICDM ESD rating
20-lead TSSOP and LFCSP RoHS-compliant packages
APPLICATIONS
Optical transceivers
Base station power amplifiers
Process control (PLC input/output cards)
Industrial automation
Data acquisition systems
GENERAL DESCRIPTION
The AD5675 is a low power, octal, 16-bit buffered voltageoutput
digital-to-analog converter (DAC). The device includes a gain
select pin, giving a full-scale output of VREF (gain = 1) or 2 ×
VREF (gain = 2). The device operates from a single 2.7 V to 5.5 V
supply and is guaranteed monotonic bydesign.The AD5675is
available in 20-lead TSSOP and LFCSPpackages.The power-on
reset circuit and a RSTSEL pin ensure thatthe outputDACs power
up to zero scale or midscale and remain there untila valid write
takes place. The AD5675 contains a power-downmode,reducing
the current consumption to 1 µA typical while inpower-down
mode. The AD5675 uses a versatile 2-wire serial interface that
operates at clock rates up to 400 kHz, and includes a VLOGIC pin
intended for 1.8 V to 5.5 V logic.
Table 1. Octal nanoDAC+® Devices
Interface
Reference
16-Bit
12-Bit
SPI
Internal
AD5676R
AD5672R
External
AD5676
Not applicable
I2C
Internal
AD5675R
AD5671R
FUNCTIONAL BLOCK DIAGRAM
INPUT
REGISTER
A0
A1
GND
VOUT7
LDAC
SDA
SCL
AD5675
RESET
2.5V
REF
VOUT0
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
VOUT6
DAC
REGISTER
STRING
DAC 0
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC 1
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC 2
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC 3
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC 4
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC 5
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC 6
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC 7
BUFFER
GAIN
POWER-DOWN
LOGIC
POWER-ON
RESET
VLOGIC
VDD
VREF
RSTSEL
GAIN
×1/×2
Figure 1.


Similar Part No. - AD5675

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5675 AD-AD5675 Datasheet
1Mb / 28P
Easy implementation
Rev. B
AD5675 AD-AD5675 Datasheet
712Kb / 27P
Octal, 16-Bit nanoDAC
4/2018-Rev. B to Rev. C
AD5675ACPZ-REEL7 AD-AD5675ACPZ-REEL7 Datasheet
712Kb / 27P
Octal, 16-Bit nanoDAC
4/2018-Rev. B to Rev. C
AD5675ACPZ-RL AD-AD5675ACPZ-RL Datasheet
712Kb / 27P
Octal, 16-Bit nanoDAC
4/2018-Rev. B to Rev. C
AD5675ARUZ AD-AD5675ARUZ Datasheet
712Kb / 27P
Octal, 16-Bit nanoDAC
4/2018-Rev. B to Rev. C
More results

Similar Description - AD5675

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
820-IF63.0M-A OSCILENT-820-IF63.0M-A Datasheet
132Kb / 1P
Base Station & Repeater
820-IF70.0M-A OSCILENT-820-IF70.0M-A Datasheet
141Kb / 2P
Base Station & Repeater
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y Datasheet
146Kb / 2P
Base Station & Repeater
820-IF72.5M-A OSCILENT-820-IF72.5M-A Datasheet
145Kb / 2P
Base Station & Repeater
820-IF75.0M-A OSCILENT-820-IF75.0M-A Datasheet
143Kb / 2P
Base Station & Repeater
820-IF77.5M-A OSCILENT-820-IF77.5M-A Datasheet
144Kb / 2P
Base Station & Repeater
820-IF82.0M-A OSCILENT-820-IF82.0M-A Datasheet
130Kb / 1P
Base Station & Repeater
827-IF70.0M-Z OSCILENT-827-IF70.0M-Z Datasheet
147Kb / 2P
Base Station & Repeater
logo
Analog Devices
AD5671R AD-AD5671R Datasheet
841Kb / 32P
Base station power amplifiers
Rev. B
logo
NIHON DEMPA KOGYO
NV13M09WS NDK-NV13M09WS Datasheet
683Kb / 1P
Personal Radio Base Station and 5G Base Station
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com